Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOIM5232 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # TOIM5232
Description  SIR Endec for IrDA® Applications Integrated Interface Circuit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TOIM5232 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button TOIM5232 Datasheet HTML 5Page - Vishay Siliconix TOIM5232 Datasheet HTML 6Page - Vishay Siliconix TOIM5232 Datasheet HTML 7Page - Vishay Siliconix TOIM5232 Datasheet HTML 8Page - Vishay Siliconix TOIM5232 Datasheet HTML 9Page - Vishay Siliconix TOIM5232 Datasheet HTML 10Page - Vishay Siliconix TOIM5232 Datasheet HTML 11Page - Vishay Siliconix TOIM5232 Datasheet HTML 12Page - Vishay Siliconix TOIM5232 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TOIM5232
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 04-Jul-12
9
Document Number: 81749
For technical questions within your region: irdasupportAM@vishay.com, irdasupportAP@vishay.com, irdasupportEU@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
X: do not care
S1, S2: user-programmable bit to program the outputs S1 and S2. In
the example, S1 is set active, and S2 is inactive.
S0: IrDA pulse select
S0 = (1): 1.627 µs output
S0 = (0): 3/16 bit time pulses, not recommended
B0 to B3: baud rate select words according to the following table
below.
Notes
Bold: See example
IrDA standard only supports 2.4 kbit/s, 9.6 kbit/s, 19.2 kbit/s,
57.6 kbit/s, and 115.2 kbit/s (3.6864 MHz clock). Doubling the baud
rates is permissible by doubling the clock frequency.
In figure 2 the programming sequence is shown for a bit rate
of 12.8 kbit/s.
Fig. 2 - Programming sequence for setting the endec to a bit rate
of 12.8 kbit/s. After setting BR/D high (Ch1), the programming
sequence with the control byte (Ch2) is applied to TD_232, pin 4.
Fig. 3 - Programming sequence for setting the endec to a bit rate of
12.8 kbit/s as in figure 2 but with a 3/16 bit pulse duration (S0 = “0”).
When correctly programmed, the endec shortens the pulse
to be transmitted from the full bit duration to either 3/16 of the
bit length or to 1.627 µs (which is 3/16 of the 115.2 kbit/s bit
duration).
For
power
saving,
the
short
pulse
is
recommended.
The received optical pulse shows in case of most of the
Vishay SIR transceivers, constant pulse duration. The endec
stretches that to the correct bit time according the bit rate
setting. This is shown in the following chapters.
TABLE 1 - CONTROL BYTE (8 BIT)
FIRST CHARACTER
SECOND CHARACTER
STA
X
S2
S1
S0
B3
B2
B1
B0
0
MSB
LSB
Example
0
01
1
01
01
0
In the oscilloscope that will be shown in the reserved order with
LSB first, see figure 2.
STA
FIRST CHARACTER
SECOND CHARACTER
0
B0
B1
B2
B3
S0
S1
S2
X
LSB
MSB
Example
01
01
011
0
0
TABLE 2 - TRANSMISSION RATE SELECT
WORDS
B3
B2
B1
B1
HEX
BIT RATE
0
0
0
0
0
115.2 kHz
0
0
011
57.6 kHz
0
01
02
38.4 kHz
0
0113
19.2 kHz
01
0
0
4
14.4 kHz
01
0
1
5
12.8 kHz
01
1
0
6
9.6 kHz
0
1117
7.2 kHz
1
0
0
0
8
4.8 kHz
1
0
0
1
9
3.6 kHz
1
010
A
2.4 kHz
1
011
B
1.8 kHz
11
0
0
C
1.2 kHz
Example
0
01
0
0
1
01
0
MSB
LSB
STA
1->
2->
21038
1) Ch1: BR/D; pin 2, vertical scale: 2 V/div., horizontal scale: 200 µs/div.
2) Ch2: TD_232; pin 4; programming sequence
1->
2->
1) Ch1: BR/D, pin 2, vertical scale: 2 V/div.,
horizontal scale: 200 µs/div.
2) Ch2: TD_232, pin 4; programming sequence
21030
STA 1
0
1
0
0
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com