Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOIM5232 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TOIM5232
Description  SIR Endec for IrDA® Applications Integrated Interface Circuit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TOIM5232 Datasheet(HTML) 3 Page - Vishay Siliconix

  TOIM5232 Datasheet HTML 1Page - Vishay Siliconix TOIM5232 Datasheet HTML 2Page - Vishay Siliconix TOIM5232 Datasheet HTML 3Page - Vishay Siliconix TOIM5232 Datasheet HTML 4Page - Vishay Siliconix TOIM5232 Datasheet HTML 5Page - Vishay Siliconix TOIM5232 Datasheet HTML 6Page - Vishay Siliconix TOIM5232 Datasheet HTML 7Page - Vishay Siliconix TOIM5232 Datasheet HTML 8Page - Vishay Siliconix TOIM5232 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TOIM5232
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 04-Jul-12
3
Document Number: 81749
For technical questions within your region: irdasupportAM@vishay.com, irdasupportAP@vishay.com, irdasupportEU@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OPERATION DESCRIPTION
The block diagram shows a typical example of an RS232
port interface. The TOIM5232 connects to an RS232 level
converter on one side, and an infrared transceiver on the
other. The internal TOIM5232 baud rate generator can be
software controlled.
When BR/D = 0, the TOIM5232 interprets the channels
TD_232 to TD_IR and RD_IR to RD_232 as data channels.
On the other hand, whenever BR/D = 1, the TOIM5232
interprets TD_232 as control word for setting the baud rate.
The baud rate can be programmed to operate from 1200
bit/s to 115.2 kbit/s. As RS232 level converter, EIA232 or
MAX232 or equivalent are recommended.
When using the TOIM5232 directly connected to an UART it
is compatible to 5 V TTL and 3.3 V CMOS logic.
Typical external resistors and capacitors are needed as
shown in the TFDU4...,TFBS4...-series references.
The output pulse duration can also be programmed, see
chapter “operation description”. It is strongly recommended
using 1.627 μs output pulses to save battery power. As
frequency determining component a Vishay XT49M crystal
is recommended, when no external clock is available.
We strongly recommend not to use this 3/16 mode
because 3/16 pulse length at lower bit rates consumes
more power than the shorter pulse. At a data rate of
9600 bit/s, the ratio of power consumption of both
modes is a factor of 12 (!)
PROGRAMMING THE TOIM5232
For correct data rate dependent timing the TOIM5232 is
using a built-in baud rate generator. This is used when no
external clock is not available as in RS232 IR-dongle
applications. For programming the BR/D pin has to be set
active, BR/D = 1.
In this case the TOIM5232 interprets the 7 LSBs at the
TD_232 input as a control word. The operating baud rate will
change to its supposedly new baud rate when the BR/D
returns back to low (“0”) set the UART to 8 bit, no parity,
1 stop bit.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
NOTES
Supply voltage
VCC
- 0.5
3.6
V
Input voltage
- 0.5
5.5
V
All pins
Output voltage
- 0.5
VCC + 0.5
V
All pins
Output sinking current
IOUT
8
mA
All pins
Junction temperature
TJ
125
°C
Ambient temperature (operating)
Tamb
- 25
85°C
Storage temperature
Tstg
- 25
85°C
Soldering temperature
Tsldr
260
°C
DC CHARACTERISTICS
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Operating voltage
VCC
2.7
3.3
3.6
V
VCC = 3.3 V ± 5 %, operating temperature = - 25 °C to + 85 °C
Input high voltage
Inputs tolerate levels as high as
5.5 V maximum. All inputs are
Schmitt trigger inputs
VIH
2
V
Input low voltage
VIL
0.8V
Input Schmitt trigger hysteresis
Vhyst
0.6
V
Input leakage no pull-up/down
VIN = VCC or GND
IL
- 10
± 1
10
µA
Output high voltage
IOH = - 2 mA
VOH
2
V
IOH = - 0.5 mA
VOH
2.4
V
Output low voltage
IOL = + 2 mA
VOL
0.4
V
Consumption current standby
Inputs grounded, no output load
VCC = 3.3 V, T = 25 °C
ISB
1µA
Consumption current dynamic
Inputs grounded, no output load
VCC = 3.3 V, T = 25 °C
ICC
2mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com