Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6124 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC6124
Description  Power Amplifier Applications Power Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6124 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC6124 Datasheet HTML 1Page - Toshiba Semiconductor 2SC6124 Datasheet HTML 2Page - Toshiba Semiconductor 2SC6124 Datasheet HTML 3Page - Toshiba Semiconductor 2SC6124 Datasheet HTML 4Page - Toshiba Semiconductor 2SC6124 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC6124
2009-10-19
4
0.1
10
100
1
0.001
0.01
0.1
10
1
1
100
1000
0.1
1
10
100
10
0
0
1
0.4
0.6
0.2
0.8
50
100
150
200
1.2
10
100
0.001
0.01
0.1
1
100
10
1000
1000
1
Pulse width tw (s)
rth-tw
Curves apply only to limited areas of thermal resistance.
Single nonrepetitive pulse Ta
= 25°C
Mounted on an FR4 board
(glass-epoxy; 1.6 mm thick; Cu area, 645 mm
2)
Cob-VCB
Collector-base voltage VCB (V)
Ta=25℃
IE=0
f=1MHz
PC – Ta
Ambient temperature Ta (°C)
Safe Operating Area
Collector-emitter voltage VCE (V)
100 ms*
10 ms*
1 ms*
IC max. (continuous)
IC max. (pulsed)*
DC operation
Ta=25℃
VCEO max
100μs*
10μs*
*: Single nonrepetitive pulse
Ta = 25°C
Note that the curves for 100 ms, and DC operation will
be different when the devices aren’t mounted on an
FR4 board (glass-epoxy, 1.6 mm thick, Cu area: 645
mm
2).
These characteristic curves must be derated linearly
with increase in temperature.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com