Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6124 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC6124
Description  Power Amplifier Applications Power Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6124 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC6124 Datasheet HTML 1Page - Toshiba Semiconductor 2SC6124 Datasheet HTML 2Page - Toshiba Semiconductor 2SC6124 Datasheet HTML 3Page - Toshiba Semiconductor 2SC6124 Datasheet HTML 4Page - Toshiba Semiconductor 2SC6124 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC6124
2009-10-19
3
Collector current IC (A)
VCE (sat) – IC
Common emitter
IC/IB = 10
Single Pulse test
hFE-IC
Collector current IC (A)
Common emitter
VCE = 2 V
Single Pulse test
Collector current IC (A)
VBE (sat) – IC
Common emitter
IC/IB = 10
Single Pulse test
Collector-emitter voltage VCE (V)
IC – VCE
Common emitter
Ta
= 25°C
Single Pulse test
IC – VBE
Base-emitter voltage VBE (V)
Common emitter
VCE = 2 V
Single Pulse test
Collector current IC (A)
fT– IC
Common emitter
Ta
= 25°C
Single Pulse test
1
0.001
0.01
0.1
0.001
0.01
0.1
1
10
−55℃
25℃
Ta=100℃
1
100
1000
0.001
0.01
0.1
1
10
−55℃
25℃
Ta=100℃
10
0.1
1
10
0.001
0.01
0.1
1
10
−55℃
Ta=100℃
25℃
0.3
3
5
0
0
2
0.4
1
2
3
4
0.8
1.2
1.6
200
50
20
10
IB=5mA
100
0
0.4
0.8
1.6
1.2
2
0
0.4
0.8
Ta=100℃
−55℃
25℃
1.2
1.6
2
1000
1
10
100
0.001
0.01
0.1
1
10
VCE=2V
5
10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com