Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN49A6FS Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # RN49A6FS
Description  Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN49A6FS Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN49A6FS Datasheet HTML 1Page - Toshiba Semiconductor RN49A6FS Datasheet HTML 2Page - Toshiba Semiconductor RN49A6FS Datasheet HTML 3Page - Toshiba Semiconductor RN49A6FS Datasheet HTML 4Page - Toshiba Semiconductor RN49A6FS Datasheet HTML 5Page - Toshiba Semiconductor RN49A6FS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RN49A6FS
2009-04-23
2
Absolute Maximum Ratings (Ta = 25°C) (Q1)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
20
V
Collector-emitter voltage
VCEO
20
V
Emitter-base voltage
VEBO
10
V
Collector current
IC
50
mA
Absolute Maximum Ratings (Ta = 25°C) (Q2)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−20
V
Collector-emitter voltage
VCEO
−20
V
Emitter-base voltage
VEBO
−5
V
Collector current
IC
−50
mA
Absolute Maximum Ratings (Ta = 25°C) (Q1, Q2 common)
Characteristics
Symbol
Rating
Unit
Collector power dissipation
PC (Note1)
50
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note1: Total rating
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com