Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN49A6FS Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # RN49A6FS
Description  Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN49A6FS Datasheet(HTML) 3 Page - Toshiba Semiconductor

  RN49A6FS Datasheet HTML 1Page - Toshiba Semiconductor RN49A6FS Datasheet HTML 2Page - Toshiba Semiconductor RN49A6FS Datasheet HTML 3Page - Toshiba Semiconductor RN49A6FS Datasheet HTML 4Page - Toshiba Semiconductor RN49A6FS Datasheet HTML 5Page - Toshiba Semiconductor RN49A6FS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RN49A6FS
2009-04-23
3
Electrical Characteristics (Ta = 25°C) (Q1)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
ICBO
VCB = 20 V, IE = 0
⎯
⎯
100
Collector cut-off current
ICEO
VCE = 20 V, IB = 0
⎯
⎯
500
nA
Emitter cut-off current
IEBO
VEB = 10 V, IC = 0
0.088
⎯
0.133
mA
DC current gain
hFE
VCE = 5 V, IC = 10 mA
120
⎯
⎯
Collector-emitter saturation voltage
VCE (sat)
IC = 5 mA, IB = 0.25 mA
⎯
⎯
0.15
V
Input voltage (ON)
VI (ON)
VCE = 0.2 V, IC = 5 mA
1.2
⎯
3.6
V
Input voltage (OFF)
VI (OFF)
VCE = 5 V, IC = 0.1 mA
0.8
⎯
1.5
V
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
⎯
1.2
⎯
pF
Input resistor
R1
―
37.6
47
56.4
kΩ
Resistor ratio
R1/R2
―
0.8
1.0
1.2
―
Electrical Characteristics (Ta =25°C) (Q2)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
ICBO
VCB = −20 V, IE = 0
⎯
⎯
−100
Collector cut-off current
ICEO
VCE = −20 V, IB = 0
⎯
⎯
−500
nA
Emitter cut-off current
IEBO
VEB = −5 V, IC = 0
−0.08
⎯
−0.121
mA
DC current gain
hFE
VCE = −5 V, IC = −10 mA
120
⎯
⎯
Collector-emitter saturation voltage
VCE (sat)
IC = −5 mA, IB = −0.25 mA
⎯
⎯
−0.15
V
Input voltage (ON)
VI (ON)
VCE = −0.2 V, IC = −5 mA
−0.6
⎯
−1.2
V
Input voltage (OFF)
VI (OFF)
VCE = −5 V, IC = −0.1 mA
−0.4
⎯
−0.8
V
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
⎯
1.2
⎯
pF
Input resistor
R1
⎯
3.76
4.7
5.64
kΩ
Resistor ratio
R1/R2
⎯
0.08
0.1
0.12
―



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com