Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2269 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2269
Description  16-Bit, 20Msps Low Noise ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2269 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2269 Datasheet HTML 9Page - Linear Technology LTC2269 Datasheet HTML 10Page - Linear Technology LTC2269 Datasheet HTML 11Page - Linear Technology LTC2269 Datasheet HTML 12Page - Linear Technology LTC2269 Datasheet HTML 13Page - Linear Technology LTC2269 Datasheet HTML 14Page - Linear Technology LTC2269 Datasheet HTML 15Page - Linear Technology LTC2269 Datasheet HTML 16Page - Linear Technology LTC2269 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTC2269
13
2269f
PIN FUNCTIONS
(Pins that are the Same for All Digital Output Modes)
VCM (Pin 1): Common Mode Bias Output. Nominally
equal to VDD/2. VCM should be used to bias the common
mode of the analog inputs. Bypass to ground with a 1μF
ceramic capacitor.
AIN+ (Pin 2): Positive Differential Analog Input.
AIN– (Pin 3): Negative Differential Analog Input.
GND (Pins 4, 10, 11, 14, 20, 43, Exposed Pad Pin 49):
ADC Power Ground. The exposed pad must be soldered
to the PCB ground.
REFH (Pins 5, 7): ADC High Reference. See the Applica-
tions Information section for recommended bypassing
circuits for REFH and REFL.
REFL (Pins 6, 8): ADC Low Reference. See the Applications
Information section for recommended bypassing circuits
for REFH and REFL.
PAR/SER (Pin 9): Programming Mode Selection Pin. Con-
nect to ground to enable the serial programming mode.
CS, SCK, SDI, SDO become a serial interface that control
the A/D operating modes. Connect to VDD to enable the
parallel programming mode where CS, SCK, SDI, SDO
become parallel logic inputs that control a reduced set of
the A/D operating modes. PAR/SER should be connected
directly to ground or VDD and not be driven by a logic signal.
VDD (Pins 12, 13, 47, 48): Analog Power Supply, 1.7V
to 1.9V. Bypass to ground with 0.1μF ceramic capacitors.
Adjacent pins can share a bypass capacitor.
ENC+ (Pin 15):
Encode Input. Conversion starts on the
rising edge.
ENC– (Pin 16):
Encode Complement Input. Conversion
starts on the falling edge. Tie to GND for single-ended
encode mode.
CS (Pin 17): Serial Interface Chip Select Input. In serial
programming mode (PAR/SER = 0V), CS is the serial in-
terface chip select input. When CS is low, SCK is enabled
for shifting data on SDI into the mode control registers.
In the parallel programming mode (PAR/SER = VDD),
CS controls the clock duty cycle stabilizer (see Table 2).
CS can be driven with 1.8V to 3.3V logic.
SCK (Pin 18): Serial Interface Clock Input. In serial
programming mode, (PAR/SER = 0V), SCK is the serial
interface clock input. In the parallel programming mode
(PAR/SER = VDD), SCK controls the digital output mode
(see Table 2). SCK can be driven with 1.8V to 3.3V logic.
SDI (Pin 19): Serial Interface Data Input. In serial program-
ming mode, (PAR/SER = 0V), SDI is the serial interface
data input. Data on SDI is clocked into the mode control
registers on the rising edge of SCK. In the parallel program-
ming mode (PAR/SER = VDD), SDI can be used together
with SDO to power down the part (Table 2). SDI can be
driven with 1.8V to 3.3V logic.
OGND (Pin 31): Output Driver Ground. Must be shorted
to the ground plane by a very low inductance path. Use
multiple vias close to the pin.
OVDD (Pin 32): Output Driver Supply. Bypass to ground
with a 0.1μF ceramic capacitor.
SDO (Pin 44): Serial Interface Data Output. In serial pro-
gramming mode, (PAR/SER = 0V), SDO is the optional
serial interface data output. Data on SDO is read back from
the mode control registers and can be latched on the fall-
ing edge of SCK. SDO is an open-drain NMOS output that
requires an external 2k pull-up resistor to 1.8V – 3.3V. If
read back from the mode control registers is not needed,
the pull-up resistor is not necessary and SDO can be left
unconnected. In the parallel programming mode (PAR/SER
= VDD), SDO can be used together with SDI to power down
the part (Table 2). When used as an input, SDO can be
driven with 1.8V to 3.3V logic through a 1k series resistor.
VREF (Pin 45): Reference Voltage Output. Bypass to
ground with a 2.2μF ceramic capacitor. The output voltage
is nominally 1.25V.
SENSE (Pin 46): Reference Programming Pin. Connecting
SENSE to VDD selects the internal reference and a ±1.05V
input range. Connecting SENSE to ground selects the
internal reference and a ±0.525V input range. An external
reference between 0.625V and 1.3V applied to SENSE
selects an input range of ±0.84 • VSENSE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com