Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2269 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2269
Description  16-Bit, 20Msps Low Noise ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2269 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2269 Datasheet HTML 17Page - Linear Technology LTC2269 Datasheet HTML 18Page - Linear Technology LTC2269 Datasheet HTML 19Page - Linear Technology LTC2269 Datasheet HTML 20Page - Linear Technology LTC2269 Datasheet HTML 21Page - Linear Technology LTC2269 Datasheet HTML 22Page - Linear Technology LTC2269 Datasheet HTML 23Page - Linear Technology LTC2269 Datasheet HTML 24Page - Linear Technology LTC2269 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC2269
21
2269f
Phase-Shifting the Output Clock
In full rate CMOS mode the data output bits normally
change at the same time as the falling edge of CLKOUT+,
so the rising edge of CLKOUT+ can be used to latch the
output data. In double data rate CMOS and LVDS modes
the data output bits normally change at the same time as
the falling and rising edges of CLKOUT+. To allow adequate
setup and hold time when latching the data, the CLKOUT+
signal may need to be phase-shifted relative to the data
output bits. Most FPGAs have this feature; this is generally
the best place to adjust the timing.
Figure 14. Phase-Shifting CLKOUT
The LTC2269 can also phase-shift the CLKOUT+/CLKOUT–
signals by serially programming mode control register A2.
The output clock can be shifted by 0°, 45°, 90°, or 135°. To
use the phase-shifting feature the clock duty cycle stabilizer
must be turned on. Another control register bit can invert
the polarity of CLKOUT+ and CLKOUT–, independently of
the phase-shift. The combination of these two features
enables phase-shifts of 45° up to 315° (Figure 14).
APPLICATIONS INFORMATION
Table 1. Output Codes vs Input Voltage
AIN+ – AIN–
(2V RANGE)
OF
D15 – D0
(OFFSET BINARY)
D15 – D0
(2’S COMPLEMENT)
>1.000000V
+0.999970V
+0.999939V
1
0
0
1111 1111 1111 1111
1111 1111 1111 1111
1111 1111 1111 1110
0111 1111 1111 1111
0111 1111 1111 1111
0111 1111 1111 1110
+0.000030V
+0.000000V
–0.000030V
–0.000061V
0
0
0
0
1000 0000 0000 0001
1000 0000 0000 0000
0111 1111 1111 1111
0111 1111 1111 1110
0000 0000 0000 0001
0000 0000 0000 0000
1111 1111 1111 1111
1111 1111 1111 1110
–0.999939V
–1.000000V
< –1.000000V
0
0
1
0000 0000 0000 0001
0000 0000 0000 0000
0000 0000 0000 0000
1000 0000 0000 0001
1000 0000 0000 0000
1000 0000 0000 0000
CLKOUT+
D0-D15, OF
PHASE
SHIFT
0°
45°
90°
135°
180°
225°
270°
315°
CLKINV
0
0
0
0
1
1
1
1
CLKPHASE1
MODE CONTROL BITS
0
0
1
1
0
0
1
1
CLKPHASE0
0
1
0
1
0
1
0
1
2269 F14
ENC+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com