Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB6B Datasheet(PDF) 2 Page - Protek Devices

Part # PUSB6B
Description  500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PUSB6B Datasheet(HTML) 2 Page - Protek Devices

  PUSB6B_12 Datasheet HTML 1Page - Protek Devices PUSB6B_12 Datasheet HTML 2Page - Protek Devices PUSB6B_12 Datasheet HTML 3Page - Protek Devices PUSB6B_12 Datasheet HTML 4Page - Protek Devices PUSB6B_12 Datasheet HTML 5Page - Protek Devices PUSB6B_12 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05101.R7 10/12
Page 2
PUSB6B
TYPicAl deVice chARAcTeRiSTicS
MAXiMUM RATingS @ 25°c Unless otherwise Specified
PARAMeTeR
SYMBol
VAlUe
UniTS
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
500
Watts
elecTRicAl chARAcTeRiSTicS PeR line @ 25°c Unless otherwise Specified
PART
nUMBeR
(note 1)
deVice
MARking
RATed
STAnd-oFF
VolTAge
V
WM
VolTS
MiniMUM
BReAkdoWn
VolTAge
@1mA
V
(BR)
VolTS
MAXiMUM
clAMPing
VolTAge
(Fig. 2)
@i
P = 1A
V
c
VolTS
MAXiMUM
clAMPing
VolTAge
(Fig. 2)
@ 8/20µs
V
c @ iPP
MAXiMUM
leAkAge
cURRenT
@V
WM
i
d
µA
MAXiMUM
cAPAciTAnce
@0V, 1Mhz
c
J(Sd)
pF
PUSB6B
PRR
5.25
6.0
7.0
13.2V @ 35.0A
10
15
noTeS
1. Electrical specifications (peak pulse power) refer to pins 1 to pin 4 or pin 5 to pin 8.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com