Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB6B Datasheet(PDF) 3 Page - Protek Devices

Part # PUSB6B
Description  500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PUSB6B Datasheet(HTML) 3 Page - Protek Devices

  PUSB6B_12 Datasheet HTML 1Page - Protek Devices PUSB6B_12 Datasheet HTML 2Page - Protek Devices PUSB6B_12 Datasheet HTML 3Page - Protek Devices PUSB6B_12 Datasheet HTML 4Page - Protek Devices PUSB6B_12 Datasheet HTML 5Page - Protek Devices PUSB6B_12 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05101.R7 10/12
Page 3
PUSB6B
TYPicAl deVice chARAcTeRiSTicS
FigURe 1
PeAk PUlSe PoWeR VS PUlSe TiMe
t
d - Pulse duration - µs
500W, 8/20µs Waveform
0.1
1
10
100
1,000
10,000
10
100
1,000
10,000
Peak Pulse Power
8/20µs
Average Power
FigURe 3
PoWeR deRATing cURVe
T
A - Ambient Temperature - °c
0
25
50
75
100
125
150
0
20
40
60
80
100
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
e-t
Peak Value I
PP
t
d = t/(IPP/2)
FigURe 2
PUlSe WAVe FoRM
t - Time - µs
0
5
10
15
20
25
30
0
20
40
60
80
100
120



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com