Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS61WV3216DALL/DALS Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS61WV3216DALL/DALS
Description  32K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV3216DALL/DALS Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS61WV3216DALL/DALS Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61WV3216DALL/DALS Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV3216DALL/DALS Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV3216DALL/DALS Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV3216DALL/DALS Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61WV3216DALL/DALS Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61WV3216DALL/DALS Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61WV3216DALL/DALS Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61WV3216DALL/DALS Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
9
Rev. A
05/14/2012
1
2
3
4
5
6
7
8
9
10
11
12
IS61WV3216DALL/DALS, IS61WV3216DBLL/DBLS,
IS64WV3216DBLL/DBLS
READ CYCLE SWITCHING CHARACTERISTICS(1) (OverOperatingRange)
-8
-10
-12
Symbol
Parameter
Min. Max.
Min. Max.
Min. Max.
Unit
trc
ReadCycleTime
8
—
10
—
12
—
ns
tAA
AddressAccessTime
—
8
—
10
—
12
ns
toHA
OutputHoldTime
2.0
—
2.0
—
3
—
ns
tAce
CE
AccessTime
—
8
—
10
—
12
ns
tdoe
OE
AccessTime
—
5.5
—
6.5
—
6.5
ns
tHzoe(2)
OE
toHigh-ZOutput
—
3
—
4
—
6
ns
tLzoe(2)
OE
toLow-ZOutput
0
—
0
—
0
—
ns
tHzce(2
CE
toHigh-ZOutput
0
3
0
4
0
6
ns
tLzce(2)
CE
toLow-ZOutput
3
—
3
—
3
—
ns
tbA
LB
,UBAccessTime
—
5.5
—
6.5
—
6.5
ns
tHzb(2)
LB
,UBtoHigh-ZOutput
0
5.5
0
6.5
0
6.5
ns
tLzb(2)
LB
,UBtoLow-ZOutput
0
—
0
—
0
—
ns
tPu
PowerUpTime
0
—
0
—
0
—
ns
tPd
PowerDownTime
—
8
—
10
—
10
ns
Notes:
1. Testconditionsassumesignaltransitiontimesof3nsorless,timingreferencelevelsof1.5V,inputpulselevelsof0Vto3.0V
andoutputloadingspecifiedinFigure1.
2. TestedwiththeloadinFigure2.Transitionismeasured±500mVfromsteady-statevoltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com