Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS61WV3216DALL/DALS Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS61WV3216DALL/DALS
Description  32K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV3216DALL/DALS Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS61WV3216DALL/DALS Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61WV3216DALL/DALS Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61WV3216DALL/DALS Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61WV3216DALL/DALS Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61WV3216DALL/DALS Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61WV3216DALL/DALS Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV3216DALL/DALS Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV3216DALL/DALS Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV3216DALL/DALS Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
3
Rev. A
05/14/2012
1
2
3
4
5
6
7
8
9
10
11
12
IS61WV3216DALL/DALS, IS61WV3216DBLL/DBLS,
IS64WV3216DBLL/DBLS
PIN CONFIGURATIONS
48-Pin mini BGA (6mm x 8mm)
PIN DESCRIPTIONS
A0-A14
AddressInputs
I/O0-I/O15
DataInputs/Outputs
CE
ChipEnableInput
OE
OutputEnableInput
WE
WriteEnableInput
LB
Lower-byteControl(I/O0-I/O7)
UB
Upper-byteControl(I/O8-I/O15)
NC
NoConnection
Vdd
Power
GND
Ground
1
2
3
4
5
6
A
B
C
D
E
F
G
H
LB
OE
A0
A1
A2
NC
I/O8
UB
A3
A4
CE
I/O0
I/O9
I/O10
A5
A6
I/O1
I/O2
GND
I/O11
NC
A7
I/O3
VDD
VDD
I/O12
NC
NC
I/O4
GND
I/O14
I/O13
A14
NC
I/O5
I/O6
I/O15
NC
A12
A13
WE
I/O7
NC
A8
A9
A10
A11
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com