Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS61WV12816DALL/DALS Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS61WV12816DALL/DALS
Description  128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV12816DALL/DALS Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS61WV12816DALL/DALS Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
1
Rev. D
06/21/2011
Copyright © 2011 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
IS61WV12816DALL/DALS
IS61WV12816DBLL/DBLS
IS64WV12816DBLL/DBLS
FEATURES
HIGH SPEED: (IS61/64WV12816DALL/DBLL)
• High-speed access time: 8, 10, 12, 20 ns
• Low Active Power: 135 mW (typical)
• Low Standby Power: 12
μW (typical)
CMOS standby
LOW POWER: (IS61/64WV12816DALS/DBLS)
• High-speed access time: 25, 35 ns
• Low Active Power: 55 mW (typical)
• Low Standby Power: 12
μW (typical)
CMOS standby
• Single power supply
— VDD 1.65V to 2.2V (IS61WV12816DAxx)
— VDD 2.4V to 3.6V (IS61/64WV12816DBxx)
• Fully static operation: no clock or refresh
required
• Three state outputs
• Data control for upper and lower bytes
• Industrial and Automotive temperature support
• Lead-free available
128K x 16 HIGH SPEED ASYNCHRONOUS
CMOS STATIC RAM
DESCRIPTION
The
ISSIIS61WV12816DAxx/DBxxandIS64WV12816DBxx
are high-speed, 2,097,152-bit static RAMs organized as
131,072 words by 16 bits. It is fabricated using
ISSI's high-
performance CMOS technology. This highly reliable pro-
cess coupled with innovative circuit design techniques,
yields high-performance and low power consumption de-
vices.
When
CE is HIGH (deselected), the device assumes a
standby mode at which the power dissipation can be
reduced down with CMOS input levels.
Easy memory expansion is provided by using Chip Enable
and Output Enable inputs,
CE and OE. The active LOW
Write Enable (
WE) controls both writing and reading of the
memory. A data byte allows Upper Byte (
UB) and Lower
Byte (
LB) access.
The IS61WV12816DAxx/DBxx and IS64WV12816DBxx are
packaged in the JEDEC standard 44-pin TSOP Type II and
48-pin Mini BGA (6mm x 8mm).
FUNCTIONAL BLOCK DIAGRAM
A0-A16
CE
OE
WE
128K x 16
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VDD
I/O
DATA
CIRCUIT
I/O0-I/O7
Lower Byte
I/O8-I/O15
Upper Byte
UB
LB
JULY 2011


Similar Part No. - IS61WV12816DALL/DALS

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV12816DALL ISSI-IS61WV12816DALL Datasheet
272Kb / 21P
128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV12816DALL-20BI ISSI-IS61WV12816DALL-20BI Datasheet
272Kb / 21P
128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV12816DALL-20TI ISSI-IS61WV12816DALL-20TI Datasheet
272Kb / 21P
128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
More results

Similar Description - IS61WV12816DALL/DALS

ManufacturerPart #DatasheetDescription
logo
Winbond
W26020A WINBOND-W26020A Datasheet
126Kb / 10P
128K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C12816 ISSI-IS61C12816 Datasheet
102Kb / 8P
128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61LV12816 ICSI-IS61LV12816 Datasheet
146Kb / 11P
128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV12816BLL ISSI-IS61WV12816BLL Datasheet
120Kb / 5P
128K x 16 HIGH-SPEED CMOS STATIC RAM
IS61WV12816DALL ISSI-IS61WV12816DALL Datasheet
272Kb / 21P
128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV3216DALL ISSI-IS61WV3216DALL Datasheet
678Kb / 20P
32K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV12816EDBLL ISSI-IS61WV12816EDBLL Datasheet
729Kb / 14P
128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com