Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS61WV12816DALL/DALS Datasheet(PDF) 17 Page - Integrated Silicon Solution, Inc

Part # IS61WV12816DALL/DALS
Description  128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV12816DALL/DALS Datasheet(HTML) 17 Page - Integrated Silicon Solution, Inc

Back Button IS61WV12816DALL/DALS Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 21Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
17
Rev. D
06/21/2011
1
2
3
4
5
6
7
8
9
10
11
12
IS61WV12816DALL/DALS, IS61WV12816DBLL/DBLS,
IS64WV12816DBLL/DBLS
DATA RETENTION WAVEFORM (CE Controlled)
LOW POWER (IS61WV12816DALS/DBLS)
DATA RETENTION SWITCHING CHARACTERISTICS (2.4V-3.6V)
Symbol
Parameter
Test Condition
Options
Min.
Typ.(1)
Max.
Unit
VDR
VDD for Data Retention
See Data Retention Waveform
2.0
—
3.6
V
IDR
Data Retention Current
VDD = 2.0V,
CE
≥ VDD – 0.2V
Com.
—
20
40
μA
Ind.
—
—
50
Auto.
75
tSDR
Data Retention Setup Time
See Data Retention Waveform
0
—
—
ns
tRDR
Recovery Time
See Data Retention Waveform
tRC
——
ns
Note 1: Typical values are measured at VDD = 3.0V, TA = 25OC and not 100% tested.
VDD
CE
≥ VDD - 0.2V
tSDR
tRDR
VDR
CE
GND
Data Retention Mode
DATA RETENTION SWITCHING CHARACTERISTICS (1.65V-2.2V)
Symbol
Parameter
Test Condition
Options
Min.
Typ.(1)
Max.
Unit
VDR
VDD for Data Retention
See Data Retention Waveform
1.2
—
3.6
V
IDR
Data Retention Current
VDD = 1.2V,
CE
≥ VDD – 0.2V
Com.
—
20
40
μA
Ind.
—
—
50
Auto.
—
—
75
tSDR
Data Retention Setup Time
See Data Retention Waveform
0
—
—
ns
tRDR
Recovery Time
See Data Retention Waveform
tRC
——
ns
Note 1: Typical values are measured at VDD = 1.8V, TA = 25OC and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com