Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMQA Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMQA
Description  SC-59 Quad Monolithic Common Anode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMQA Datasheet(HTML) 1 Page - Motorola, Inc

  MMQA Datasheet HTML 1Page - Motorola, Inc MMQA Datasheet HTML 2Page - Motorola, Inc MMQA Datasheet HTML 3Page - Motorola, Inc MMQA Datasheet HTML 4Page - Motorola, Inc MMQA Datasheet HTML 5Page - Motorola, Inc MMQA Datasheet HTML 6Page - Motorola, Inc MMQA Datasheet HTML 7Page - Motorola, Inc MMQA Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
MOTOROLA
MMQA Series
SC59 Quad Monolithic
Common Anode
Transient Voltage Suppressor
for ESD Protection
This quad monolithic silicon voltage suppressor is designed for applications
requiring transient overvoltage protection capability. It is intended for use in
voltage and ESD sensitive equipment such as computers, printers, business
machines, communication systems, medical equipment, and other applica-
tions. Its quad junction common anode design protects four separate lines
using only one package. These devices are ideal for situations where board
space is at a premium.
Specification Features:
• SC-59 Package Allows Four Separate Unidirectional Configurations
• Peak Power — Min. 24 W @ 1.0 ms (Unidirectional), per Figure 5 Waveform
• Peak Power — Min. 150 W @ 20 ms (Unidirectional), per Figure 6 Waveform
• Maximum Clamping Voltage @ Peak Pulse Current
• Low Leakage < 2.0 µA
• ESD Rating of Class N (exceeding 16 kV) per the Human Body Model
Mechanical Characteristics:
• Void Free, Transfer-Molded, Thermosetting Plastic Case
• Corrosion Resistant Finish, Easily Solderable
• Package Designed for Optimal Automated Board Assembly
• Small Package Size for High Density Applications
• Available in 8 mm Tape and Reel
Use the Device Number to order the 7 inch/3,000 unit reel. Replace
with “T3” in the Device Number to order the 13 inch/10,000 unit reel.
THERMAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Value
Unit
Peak Power Dissipation @ 1.0 ms (1) @ TA ≤ 25°C
Ppk
24
Watts
Peak Power Dissipation @ 20
ms (2) @ TA ≤ 25°C
Ppk
150
Watts
Total Power Dissipation on FR-5 Board (3) @ TA = 25°C
°PD°
°225
1.8
°mW°
mW/
°C
Thermal Resistance from Junction to Ambient
R
θJA
556
°C/W
Total Power Dissipation on Alumina Substrate (4) @ TA = 25°C
Derate above 25
°C
°PD°
°300
2.4
°mW
mW/
°C
Thermal Resistance from Junction to Ambient
R
θJA
417
°C/W
Junction and Storage Temperature Range
TJ, Tstg
°– 55 to +150°
°C
Lead Solder Temperature — Maximum (10 Second Duration)
TL
260
°C
1. Non-repetitive current pulse per Figure 5 and derate above TA = 25°C per Figure 4.
2. Non-repetitive current pulse per Figure 6 and derate above TA = 25°C per Figure 4.
3. FR-5 = 1.0 x 0.75 x 0.62 in.
4. Alumina = 0.4 x 0.3 x 0.024 in., 99.5% alumina
Preferred devices are Motorola recommended choices for future use and best overall value.
Thermal Clad is a trademark of the Bergquist Company
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MMQA/D
© Motorola, Inc. 1996
MMQA Series
SC-59 QUAD
TRANSIENT VOLTAGE
SUPPRESSOR
24 WATTS PEAK POWER
5.6 – 33 VOLTS
CASE 318F-01
STYLE 1
SC-59 PLASTIC
Motorola Preferred Devices
PIN 1. CATHODE
2. ANODE
3. CATHODE
4. CATHODE
5. ANODE
6. CATHODE
1
2
3
4
5
6
1
2
3
6
5
4


Similar Part No. - MMQA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMQA ONSEMI-MMQA Datasheet
67Kb / 6P
SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA ONSEMI-MMQA Datasheet
71Kb / 6P
SC??4 Quad Monolithic Common Anode Transient Voltage Suppressors for ESD Protection
August, 2005 ??Rev. 6
MMQA ONSEMI-MMQA Datasheet
81Kb / 7P
SC-74 Quad Monolithic Common Anode
January, 2015 ??Rev. 11
MMQA-D ONSEMI-MMQA-D Datasheet
67Kb / 6P
SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA12VT ONSEMI-MMQA12VT Datasheet
126Kb / 7P
SC-74 Quad Monolithic Common Anode
February, 2012 ??Rev. 10
More results

Similar Description - MMQA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMQA5V6T1 ONSEMI-MMQA5V6T1 Datasheet
67Kb / 6P
SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA ONSEMI-MMQA Datasheet
67Kb / 6P
SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA-D ONSEMI-MMQA-D Datasheet
67Kb / 6P
SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
SC-74 ONSEMI-SC-74 Datasheet
67Kb / 6P
MMQA Quad Common Anode Series
April, 2004 ??Rev. 4
logo
NEC
NSAD500F NEC-NSAD500F Datasheet
32Kb / 5P
ELECTROSTATIC DISCHARGE SURGE ABSORBER DEVICES DUAL TYPE: COMMON ANODE SC-59 PACKAGE
NSAD500H NEC-NSAD500H Datasheet
32Kb / 5P
ELECTROSTATIC DISCHARGE SURGE ABSORBER DEVICES QUAD TYPE: COMMON ANODE SC-88A PACKAGE
logo
ON Semiconductor
MMQA ONSEMI-MMQA_05 Datasheet
71Kb / 6P
SC??4 Quad Monolithic Common Anode Transient Voltage Suppressors for ESD Protection
August, 2005 ??Rev. 6
MMQA5V6T ONSEMI-MMQA5V6T Datasheet
126Kb / 7P
SC-74 Quad Monolithic Common Anode
February, 2012 ??Rev. 10
MMQA27VT1G ONSEMI-MMQA27VT1G Datasheet
126Kb / 7P
SC-74 Quad Monolithic Common Anode
February, 2012 ??Rev. 10
MMQA ONSEMI-MMQA_15 Datasheet
81Kb / 7P
SC-74 Quad Monolithic Common Anode
January, 2015 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com