Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMQA Datasheet(PDF) 3 Page - Motorola, Inc

Part # MMQA
Description  SC-59 Quad Monolithic Common Anode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMQA Datasheet(HTML) 3 Page - Motorola, Inc

  MMQA Datasheet HTML 1Page - Motorola, Inc MMQA Datasheet HTML 2Page - Motorola, Inc MMQA Datasheet HTML 3Page - Motorola, Inc MMQA Datasheet HTML 4Page - Motorola, Inc MMQA Datasheet HTML 5Page - Motorola, Inc MMQA Datasheet HTML 6Page - Motorola, Inc MMQA Datasheet HTML 7Page - Motorola, Inc MMQA Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
MOTOROLA
MMQA Series
TYPICAL CHARACTERISTICS
Figure 3. Steady State Power Derating Curve
Figure 4. Pulse Derating Curve
Figure 5. 10
× 1000 ms Pulse Waveform
0
25
50
75
100
125
150
175
300
250
200
150
100
50
0
TA, AMBIENT TEMPERATURE (°C)
FR-5 BOARD
ALUMINA SUBSTRATE
100
90
80
70
60
50
40
30
20
10
0
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE (°C)
100
50
0
01
2
3
4
t, TIME (ms)
tr
tP
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAYS TO 50%
OF IRSM.
tr ≤ 10 µs
HALF VALUE —
IRSM
2
PEAK VALUE — IRSM
Figure 6. 8
× 20 ms Pulse Waveform
Figure 7. Maximum Non–Repetitive Surge
Power, Ppk versus PW
Figure 8. Typical Maximum Non–Repetitive
Surge Power, Ppk versus VBR
0.1
1.0
10
100
1000
1.0
10
100
Power is defined as VRSM x IZ(pk) where VRSM
is the clamping voltage at IZ(pk).
PW, PULSE WIDTH (ms)
UNIDIRECTIONAL
RECTANGULAR
WAVEFORM, TA = 25
°C
100
90
80
70
60
50
40
30
20
10
0
020
40
60
80
t, TIME (
ms)
200
180
160
140
120
100
80
60
40
20
0
5.6
6.8
12
20
33
NOMINAL VZ
tP
tr
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAY = 8
ms
PEAK VALUE IRSM @ 8 ms
HALF VALUE IRSM/2 @ 20 ms
27
8
× 20 WAVEFORM AS PER FIGURE 6
10
× 100 WAVEFORM AS PER FIGURE 5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com