Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF2S24UCT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # DF2S24UCT
Description  Product for Use Only as Protection against Electrostatic Discharge(ESD)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF2S24UCT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  DF2S24UCT Datasheet HTML 1Page - Toshiba Semiconductor DF2S24UCT Datasheet HTML 2Page - Toshiba Semiconductor DF2S24UCT Datasheet HTML 3Page - Toshiba Semiconductor DF2S24UCT Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DF2S24UCT
2011-11-10
1
TOSHIBA Diodes for Protecting against ESD
DF2S24UCT
Product for Use Only as Protection against Electrostatic Discharge (ESD)
*This product is for protection against electrostatic discharge (ESD) only
and is not intended for any other usage, including without limitation,
the constant voltage diode application.
Abusolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Power dissipation
P
150*
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
*: Mounted on a glass epoxy circuit board of 20 mm × 20 mm,
pad dimension of 4 mm × 4 mm.
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba
Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate,
etc).
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Reverse stand-off voltage
(between Cathode and Anode)
VRWM(1)
―
―
―
19
V
Reverse breakdown voltage
(between Cathode and Anode)
VBR(1)
IR = 1 mA
22.0
―
―
V
Reverse current
(between Cathode and Anode)
IR(1)
VRWM = 19 V
―
―
0.5
μA
Total capacitance
(between Cathode and Anode)
CT
VR = 0 V, f = 1 MHz
―
1.6
―
pF
Reverse stand-off voltage
(between Anode and Cathode)
VRWM(2)
―
―
―
5
V
Reverse breakdown voltage
(between Anode and Cathode)
VBR(2)
IR = 1 mA
5.3
―
―
V
Reverse current
(between Anode and Cathode)
IR(2)
VRWM = 5 V
―
―
0.1
μA
Marking
Equivalent Circuit (Top View)
JEDEC
―
JEITA
―
TOSHIBA
1-1P1A
Weight: 0.7 mg (typ.)
Unit: mm
RU
CST2
0.5±0.03
0.05±0.03
0.6±0.05
0.38+0.02
-0.03


Similar Part No. - DF2S24UCT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DF2S24UCT TOSHIBA-DF2S24UCT_14 Datasheet
251Kb / 7P
ESD Protection Diodes Silicon Epitaxial Planar
More results

Similar Description - DF2S24UCT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DF2S12S TOSHIBA-DF2S12S Datasheet
161Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF2S16S TOSHIBA-DF2S16S Datasheet
139Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF2S5.6FS TOSHIBA-DF2S5.6FS Datasheet
115Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD)
DF3A3.6FV TOSHIBA-DF3A3.6FV Datasheet
130Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A5.6FU TOSHIBA-DF3A5.6FU Datasheet
154Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A5.6LFE TOSHIBA-DF3A5.6LFE Datasheet
137Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A6.2LFE TOSHIBA-DF3A6.2LFE Datasheet
144Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A6.8FV TOSHIBA-DF3A6.8FV Datasheet
144Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A8.2LFV TOSHIBA-DF3A8.2LFV Datasheet
131Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD)
DF5A6.2CFU TOSHIBA-DF5A6.2CFU Datasheet
165Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com