Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF2S24UCT Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # DF2S24UCT
Description  Product for Use Only as Protection against Electrostatic Discharge(ESD)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF2S24UCT Datasheet(HTML) 3 Page - Toshiba Semiconductor

  DF2S24UCT Datasheet HTML 1Page - Toshiba Semiconductor DF2S24UCT Datasheet HTML 2Page - Toshiba Semiconductor DF2S24UCT Datasheet HTML 3Page - Toshiba Semiconductor DF2S24UCT Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DF2S24UCT
2011-11-10
3
I-V
-10
-8
-6
-4
-2
0
2
4
6
8
10
-30
-20
-10
0
10
20
30
VOLTAGE V [V]
Reverse Bias
Forward Bias
CT - VR
0
0.5
1
1.5
2
0
5
10
15
20
25
Ta=25℃
f=1MHz
REVERSE VOLTAGE
VR (V)
Ta=25℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com