Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL8596 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8596
Description  LDO mode OVP with Integrated P-MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8596 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8596 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8596 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8596 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8596 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.belling.com.cn
2
BL8596
ABSOLUTE MAXIMUM RATING
(Note1)
Parameter
Symbol
Rate
Unit
ACIN Input Voltage (ACIN to GND)
VACIN
-0.3~15
V
CHRIN to GND Voltage
VCHRIN
-0.3~6
V
GATDRV to GND Voltage
VGATDRV
-0.3~ VCHRIN
V
OUT to GND Voltage
VOUT
-0.3~6
V
Output power limit, Iout x (VACIN-VOUT)
PD
0.75
W
Maximum Junction Temperature
TJ
150
C
Storage Temperature
TSTG
-40 to 150
Maximum Lead Soldering Temperature, 10 Seconds
TSDR
260
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute maximum rating
conditions for extended periods may destroy the device.
THERMAL RESISTANCE RATING
Parameter
Device
Symbol
Typical
Unit
Junction-to-Ambient Resistance in Free Air
(Note2)
DFN2x2-8
JA
80
C /W
SOT23-6
JA
235
C /W
Note 2:
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. The exposed pad of DFN2x2-8 is
soldered directly on the PCB.
THERMAL CONSIDERATION
Even though BL8596 can handle charge current larger than 1A, it is also limited by the power dissipation of
the package DFN2x2-8L. The DFN2x2 package has a thermal pad exposed, and it should be tightly soldered
to bottom PCB with a large coil area to dissipate the heat. In general, to have the BL8596 to work under a
safe condition, one should take DFN2x2 power limit as 0.75W, and if the dropout voltage is 1.5V, one is
suggested to set the charging current to be less than 500mA.
RECOMMENDED OPERATION CONDITIONS
Symbol
Parameter
Range
Unit
VACIN
ACIN Input Voltage (ACIN to GND)
4.5~10
V
Iout
Ooutput Current
0~700
mA
TA
Ambient Temperature
-40~85
C
TJ
Junction Temperature
-40~125
C
ELECTRICAL CHARACTERISTICS
Tj=25C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vth
Threshold Voltage
Ids=-1uA, Vds=Vgs
-1.0
-0.7
-0.4
V
VCHRIN2
CHRIN Voltage
VIN = 6.0 V, ICHRIN=50mA
5.0
5.5
6.0
V
IDss1
off-state leakage
VOUT=0, VIN=10V, VGATDRV=VCHRIN1
-
-
1
uA
IDss2
reverse block leakage
VOUT=5V, VIN=0, VGATDRV=VCHRIN1=0V
2
5
uA
Idson
On –state drain current
VIN=5V, VOUT=4V, VGATDRV=1V
0.9
1.2
1.5
A
Rdson
Vds/Idson
Vs=5V, Vg=1V, Vd=4V
0.5
0.75
1
ohm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com