Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL8596 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8596
Description  LDO mode OVP with Integrated P-MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8596 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8596 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8596 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8596 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8596 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.belling.com.cn
1
LDO mode OVP with Integrated P-MOSFET
BL8596
DESCRIPTION
The BL8596 is Li+ charger IC with integrated P-
MOSFET. The device is fabricated with advanced
CMOS technology to achieve maintaining low static
power dissipation over a very broad VCC operating
range.
The BL8596 integrates a P-MOSFET and Schottky
diode which is normally a discrete device
employed for conventional battery charging
design of mobile phone system. In addition to
that, BL8596 works like a LDO mode to keep
CHRIN voltage stable when ACIN goes high. And
thus it will not trigger the CHRIN pin over-voltage
protection when ACIN voltage increased to as
high as 15V.
The BL8596 provides complete Li+ charger
protections and saves the external MOSFET and
Schottky diode for the charger of cell phone’s PMIC.
It is available in a DFN2x2-8L package.
The above features and small package make the
BL8596 an ideal part for cell phones applications.
FEATURES
 A Built-In P-MOSFET
 LDO mode makes CHRIN voltage stable around
5.5V
 Range of operation input voltage: Max 15V
 Charging current up to 1A
 Environment Temperature: -20C~85C
APPLICATIONS
 Cell phone and other portable device
APPLICATION CIRCUIT
ORDERING INFORMATION / PIN CONFIGURATION / MARKING
BL8596CKBTR
DFN2x2-8L
BL8596CB6TR
SOT23-6L
Top Marking
OBYW
YW means the year and week parts being manufactured, subjected to change. OB is the code of the product;
it will not be changed on any part.
BL8596


Similar Part No. - BL8596

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8591 BELLING-BL8591 Datasheet
268Kb / 10P
100mA High PSRR, Fast Response Linear Regulator
BL8593 BELLING-BL8593 Datasheet
495Kb / 6P
P-Channel MOSFET with 0.12V Schottky Diode
BL8595 BELLING-BL8595 Datasheet
537Kb / 5P
18V-1A PNP with N-MOSFET CHARGE IC
BL8598 BELLING-BL8598 Datasheet
552Kb / 6P
Adjustable Overvoltage Protector with High Accuracy
More results

Similar Description - BL8596

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5312 MICREL-MIC5312 Datasheet
400Kb / 11P
LowQ Mode Dual 300mA LDO with Integrated POR
logo
Diodes Incorporated
DMS2120LFWB DIODES-DMS2120LFWB Datasheet
128Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET WITH INTEGRATED SBR
DS31667 Rev. 4 - 2
DMS2220LFDB DIODES-DMS2220LFDB Datasheet
138Kb / 6P
P-CHANNEL ENHANCEMENT MODE MOSFET WITH INTEGRATED SBR짰 SUPER BARRIER RECTIFIER
DS31546 Rev. 7 - 2
DMS2220LFW DIODES-DMS2220LFW Datasheet
125Kb / 6P
P-CHANNEL ENHANCEMENT MODE MOSFET WITH INTEGRATED SBR
DS31547 Rev. 8 - 2
logo
Clare, Inc.
CPC7556 CLARE-CPC7556 Datasheet
501Kb / 6P
Diode Bridge with Integrated Adjustable OVP Circuit
logo
Diodes Incorporated
DMS2085LSD DIODES-DMS2085LSD_15 Datasheet
308Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET WITH INTEGRATED SCHOTTKY DIODE
Rev 2
DMS2095LFDB DIODES-DMS2095LFDB_15 Datasheet
312Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET WITH INTEGRATED SCHOTTKY DIODE
Rev 3
logo
Texas Instruments
BQ24351 TI1-BQ24351_13 Datasheet
1Mb / 18P
With Integrated Charging FET and LDO Mode
logo
Semtech Corporation
SC32300B SEMTECH-SC32300B Datasheet
533Kb / 18P
Synchronous Power MOSFET Driver With Integrated 3.3V LDO
logo
TECH PUBLIC Electronics...
TPM2P106PS8 TECHPUBLIC-TPM2P106PS8 Datasheet
2Mb / 6P
P-CHANNEL ENHANCEMENT MODE MOSFET WITH INTEGRATED SCHOTTKY DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com