Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS32B Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SS32B
Description  SURFACE MOUNT S CHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SS32B Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  SS32B Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SS32B Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20V-100V
3.0A
SS32B THRU SS310B
1 of 2
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
For surface mounted applications
Metal-Semiconductor junction with guarding
Epitaxial construction
Very low forward votage drop
High current capability
Plastic material has UL flammability
classification 94V-0
For use in lowvoltage, high frequency inverters,
free wheeling, and polarity protection applications.
Case Molded Plastic
Polarity:Color band denotes cathode
Weight: 0.003 ounces,0.093 grams
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
SS32B
SS33B
SS34B
SS35B
SS36B
SS38B
SS310B
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
80
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
V
Maximum Average Forward
Rectified Current
@TL=100 ℃
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed On Rated Load (JEDEC Method)
Maximum Forward Voltage at 3.0A DC
VF
0.45
0.55
0.6
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Typical Junction Capacitance (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
R JL
℃/W
Typical Thermal Resistance (Note3)
R JA
℃/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
IFSM
A
mA
IR
0.7
10
50
NOTES:1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
I(AV)
3.0
80
250
A
3.Thermal resistance junction to ambient.
2.Thermal resistance junction to lead.
-55 to + 150
-55 to + 150
0.85
1.0
20
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS


Similar Part No. - SS32B

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SS32B BILIN-SS32B Datasheet
140Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
TAITRON Components Inco...
SS32B TAITRON-SS32B Datasheet
182Kb / 3P
3.0A Surface Mount Schottky Rectifier
logo
Shenzhen Ping Sheng Ele...
SS32B PFS-SS32B Datasheet
155Kb / 2P
RATING AND CHARACTERTIC CURVES
logo
Yangzhou yangjie electr...
SS32B YANGJIE-SS32B Datasheet
173Kb / 2P
Schottky Rectifier
logo
Rugao Dachang Electroni...
SS32B DACHANG-SS32B Datasheet
116Kb / 2P
Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 150 V Forward Current 3.0 A
More results

Similar Description - SS32B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM820D SECOS-SM820D Datasheet
279Kb / 2P
8.0AMP Surface Mount S chottky Barrier Rec tifiers
logo
Shenzhen Taychipst Elec...
SS52 TAYCHIPST-SS52 Datasheet
9Mb / 2P
SURFACE MOUNT S CHOTTKY BARRIER RECTIFIERS
logo
Gaomi Xinghe Electronic...
SK22 GXELECTRONICS-SK22 Datasheet
354Kb / 2P
SURFACE MOUNT S CHOTTKY BARRIER RECTIFIER
logo
WILLAS ELECTRONIC CORP
BAS40V WILLAS-BAS40V Datasheet
452Kb / 3P
Plastic-Encapsulate Diodes S CHOTTKY BARRIER DIODE
logo
Microdiode Semiconducto...
RB501V-40 CHENDA-RB501V-40 Datasheet
324Kb / 3P
S chottky Barrier Diode
RB520S-30 CHENDA-RB520S-30 Datasheet
331Kb / 3P
S chottky Barrier Diode
RB521S-30 CHENDA-RB521S-30 Datasheet
310Kb / 3P
S chottky Barrier Diode
RB551V-30 CHENDA-RB551V-30 Datasheet
318Kb / 3P
S chottky Barrier Diode
RB751V-40 CHENDA-RB751V-40 Datasheet
314Kb / 3P
S chottky Barrier Diode
logo
GeneSiC Semiconductor, ...
GC2X10MPS12-247 GENESIC-GC2X10MPS12-247_18 Datasheet
1Mb / 7P
Silicon Carbide S chottky Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com