Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS32B Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SS32B
Description  SURFACE MOUNT S CHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SS32B Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  SS32B Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SS32B Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
SS32B
THRU
SS310B
2 of 2
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
LEAD TEMPERATURE ℃
FIG.5-TYPICAL REVERSE CHARACTERISTICS
PERCENT RATED PEAK REVERSE VOLTAGE,(%)
100
10
1.0
0.1
0.01
0.001
0
20
40
60
80
100
120
140
TJ=125
TJ=25
TJ=100
FIG. 1 - FORW ARD CURRENT DERATING CURVE
25
50
75
100
125
150
175
4.0
1.0
0
5.0
3.0
2.0
SINGLE PHASE HALF W AVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
REVERSE VOLTAGE,VOLTS
FIG.4-TYPICAL JUNCTION CAPACITANCE
0.1
1000
100
10
1.0
4.0
10.0
100
TJ=25f=1MHZ
FIG.2 - MAXIMUM NON-REPETITIVE
SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
2
5
10
20
50
100
120
20
0
80
100
60
40
PULSE W IDTH 8.3ms
SINGLE HALF-SINE-W AVE
(JEDEC METHOD)
FIG.3-TYPICAL FORW ARD CHARACTERISTICS
INSTANTANEOUS FORW ARD VOLTAGE, (VOLTS)
1.0
0.1
10
0.1
0.3
0.9
0.5
1.1
1.7
0
0.7
1.3
1.5
20
SS35A -SS36A
SS33A
SS34A
SS38A -SS310A
SS32A
TJ = 25
°C
PULSE W IDTH 300us
1% DUTY CYCLE
20V-100V
3.0A
SS32B THRU SS310B
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com