Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSB44 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SSB44
Description  High-Current Density Surface Mount Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SSB44 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  SSB44 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SSB44 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SSB43L and SSB44
30V-40V
4.0A
1 of 2
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
High-Current Density Surface Mount Schottky Rectifier
•
Low profile package
•
Ideal for automated placement
•
Guardring for overvoltage protection
•
Low power losses, high efficiency
•
Very low forward voltage drop
•
High surge capability
•
Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
•
Solder dip 260 °C, 40 s
•
Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Case: DO-214AA (SMB)
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test, HE3 suffix for high reliability grade
(AEC Q101 qualified), meets JESD 201 class 2 whisker test
Polarity: Color band denotes the cathode end
Notes:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
SSB43L
SSB44
UNIT
TYP.
MAX.
TYP.
MAX.
Maximum instantaneous forward voltage (1)
4.0 A
TJ = 25 °C
TJ = 125 °C
VF
0.43
0.33
0.45
0.38
0.45
0.37
0.49
0.42
V
Maximum reverse current at rated VR
(2)
TJ = 25 °C
TJ = 125 °C
IR
-
35
0.6
45
-
25
0.4
40
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SSB43L
SSB44
UNIT
Typical thermal resistance (1)
RθJA
RθJL
70
23
°C/W
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SSB43L
SSB44
UNIT
Device marking code
43L
S44
Maximum repetitive peak reverse voltage
VRRM
30
40
V
Maximum RMS voltage
VRMS
21
28
V
Maximum DC blocking voltage
VDC
30
40
V
Max. average forward rectified current at TL (Fig. 1)
IF(AV)
4.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
100
A
Voltage rate of change (rated VR)
dV/dt
10 000
V/µs
Operating junction temperature range
TJ
- 65 to + 150
°C
Storage temperature range
TSTG
- 65 to + 150
C


Similar Part No. - SSB44

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SSB44 VISHAY-SSB44 Datasheet
105Kb / 4P
High-Current Density Surface Mount Schottky Rectifier
03-Nov-06
SSB44 VISHAY-SSB44 Datasheet
426Kb / 4P
High Current Density Surface Mount Schottky Rectifier
02-Aug-13
SSB44 VISHAY-SSB44 Datasheet
90Kb / 4P
High Current Density Surface Mount Schottky Rectifier
11-Dec-14
SSB44 VISHAY-SSB44 Datasheet
79Kb / 4P
High Current Density Surface Mount Schottky Rectifier
11-Dec-14
logo
Taiwan Semiconductor Co...
SSB44 TSC-SSB44 Datasheet
292Kb / 5P
4A, 40V High Current Density Surface Mount Schottky Rectifier
More results

Similar Description - SSB44

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
B230LA VISHAY-B230LA Datasheet
58Kb / 2P
High-Current Density Surface Mount Schottky Rectifier
15-Dec-03
logo
Shenzhen Taychipst Elec...
SSA23L TAYCHIPST-SSA23L Datasheet
9Mb / 2P
High-Current Density Surface Mount Schottky Rectifier
logo
Vishay Siliconix
B230LA VISHAY-B230LA_15 Datasheet
78Kb / 5P
High Current Density Surface Mount Schottky Rectifier
14-Jan-14
SSC53L VISHAY-SSC53L_15 Datasheet
90Kb / 4P
High Current Density Surface Mount Schottky Rectifier
28-Apr-14
SS10PH45 VISHAY-SS10PH45_15 Datasheet
97Kb / 5P
High Current Density Surface Mount Schottky Rectifier
01-Dec-14
B330LA VISHAY-B330LA_15 Datasheet
438Kb / 4P
High Current Density Surface Mount Schottky Rectifier
02-Aug-13
B330LA-M3 VISHAY-B330LA-M3_15 Datasheet
73Kb / 4P
High-Current Density Surface Mount Schottky Rectifier
26-Apr-13
SSC53L-M3 VISHAY-SSC53L-M3_15 Datasheet
81Kb / 4P
High-Current Density Surface Mount Schottky Rectifier
07-Jan-15
SSC53L-M3 VISHAY-SSC53L-M3 Datasheet
91Kb / 4P
High-Current Density Surface Mount Schottky Rectifier
07-Jan-15
SS10PH45 VISHAY-SS10PH45_V01 Datasheet
100Kb / 5P
High Current Density Surface-Mount Schottky Rectifier
24-Apr-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com