Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSB44 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SSB44
Description  High-Current Density Surface Mount Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SSB44 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  SSB44 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SSB44 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
SSB43L
and
SSB44
2 of 2
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
High-Current Density Surface Mount Schottky Rectifier
Figure 1. Forward Current Derating Curve
0
1
2
3
4
5
6
025
50
75
100
125
150
Lead Temperature (°C)
SSB43L
SSB44
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
1
10
100
0
20
60
40
100
80
120
Number of Cycles at 60 Hz
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Characteristics
0.01
0.1
0.1
0.2
0.3
0.4
0.6
0.7
0.5
0.8
0
1
10
100
Instantaneous Forward Voltage (V)
SSB43L
SSB44
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
020
60
40
100
80
0.001
0.01
10
0.1
100
1000
Percent of Rated Peak Reverse Voltage (%)
SSB43L
SSB44
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
1
Figure 5. Typical Junction Capacitance
Reverse Voltage (V)
1
10
100
100
1000
10 000
10
SSB43L
SSB44
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
SSB43L and SSB44
30V-40V
4.0A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com