Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSH210 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SSH210
Description  Surface Mount Schottk Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SSH210 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  SSH210 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SSH210 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mount Schottk
100V
2.0A
SSH210
1 of 2
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
For surface mounted application
Easy pick and place
Metal to silicon rectifier, majority carrier conduction
Low power loss, high efficiency
High current capability, low VF
High surge current capability
Plastic material used carriers Underwriters
Laboratory Classigication 94V-0
High temperature soldering guaranteed:
260℃/10s at terminals
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Epitaxial construction
Weight: 0.093 gram
Terminal: Pure tin plated, lead free
Case: Molded plastic
Packaging: 12mm tape per EIA STD RS-481
Polarity: Indicated by cathode band
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Unit
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
uA
mA
Cj
pF
RθjL
OC/W
TJ
OC
TSTG
OC
Type Number
Maximum Average Forward Rectified Current
Maximum RMS Voltage
Maximum DC Blocking Voltage
2.0
Note 2: Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C.
Typical Junction Capecitance (Note 2)
Note 1: Pulse Test with PW=300u sec, 1% Duty Cycle
- 65 to + 175
Operating Temperature Range
Storage Temperature Range
- 65 to + 175
70
100
Maximum Repetitive Peak Reverse Voltage
70
SSH210
100
A
Maximum Instantaneous Forward Voltage (Note 1)
IF=2 A
@ TA=25℃
IF=2 A
@ TA=125℃
VF
V
0.79
0.65
50
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
1
1
Typical Thermal Resistance
25
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=125℃
IR
Barrier Rectifier


Similar Part No. - SSH210

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SSH210 TSC-SSH210 Datasheet
128Kb / 2P
2.0AMPS. Surface Mount Schottky Barrier Rectifier
SSH210 TSC-SSH210 Datasheet
254Kb / 4P
2.0AMPS. Surface Mount Schottky Barrier Rectifier
SSH210 TSC-SSH210 Datasheet
203Kb / 4P
Surface Mount Schottky Barrier Rectifier
SSH210HR5 TSC-SSH210HR5 Datasheet
203Kb / 4P
Surface Mount Schottky Barrier Rectifier
SSH210 TSC-SSH210_13 Datasheet
254Kb / 4P
2.0AMPS. Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SSH210

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SRB820 MIC-SRB820 Datasheet
49Kb / 2P
SURFACE MOUNT BARRIER RECTIFIER
logo
Microsemi Corporation
1N6097 MICROSEMI-1N6097_07 Datasheet
128Kb / 2P
50 Amp Schottk Rectifier
logo
Shenzhen Taychipst Elec...
MBRA120 TAYCHIPST-MBRA120 Datasheet
1Mb / 2P
SURFACE MOUNT SCHOTTK Y BARRIER RECTIFIER
SSL22 TAYCHIPST-SSL22 Datasheet
10Mb / 2P
Surface Mount Schottk
SSL32 TAYCHIPST-SSL32 Datasheet
10Mb / 2P
Surface Mount Schottk Barrier Rectifier
SSL42 TAYCHIPST-SSL42 Datasheet
10Mb / 2P
Surface Mount Schottk Barrier Rectifier
logo
PACELEADER INDUSTRIAL
SR220-01 PACELEADER-SR220-01 Datasheet
664Kb / 2P
2.0AMP SCHOTTK BARRIER RECTIFIERS
logo
Shanghai Leiditech Elec...
SP5U100L LEIDITECH-SP5U100L Datasheet
648Kb / 3P
LOW VF Schottk-y BARRIER RECTIFIER
SP5100 LEIDITECH-SP5100 Datasheet
646Kb / 3P
LOW VF Schottk-y BARRIER RECTIFIER
DSK24 LEIDITECH-DSK24 Datasheet
1Mb / 3P
2.0AMP SURFACE MOUNT LOW VF SCHOTTK RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com