Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSH210 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SSH210
Description  Surface Mount Schottk Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SSH210 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  SSH210 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SSH210 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
SSH210
2 of 2
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
FIG.1 FORWARD CURRENT DERATING CURVE
0
0.5
1
1.5
2
50
60
70
80
90
100 110 120 130 140 150 160 170
LEAD TEMPERATURE (
oC)
RESISTIVE OR
INDUCTIVE
FIG. 2 MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
8.3ms Single Half
Sine-Wave
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
0.01
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
TA=25℃
TA=75℃
TA=125℃
FIG. 5 TYPICAL JUNCTION CAPACITANCE
10
100
1000
0.1
1
10
100
REVERSE VOLTAGE (V)
TA=25℃
f=1.0MHz
Vslg=50mV
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
FORWARD VOLTAGE (V)
FIG. 6 TYPICAL TRANSIENT THERMAL IMPEDANCE
0.1
1
10
100
0.01
0.1
1
10
100
T-PULSE DURATION(s)
Surface Mount Schottk
100V
2.0A
SSH210
Barrier Rectifier



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com