Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3899 Datasheet(PDF) 21 Page - International Rectifier

Part # IR3899
Description  9A HIGHLY INTEGRATED SUPLRBUCK
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3899 Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3899 Datasheet HTML 17Page - International Rectifier IR3899 Datasheet HTML 18Page - International Rectifier IR3899 Datasheet HTML 19Page - International Rectifier IR3899 Datasheet HTML 20Page - International Rectifier IR3899 Datasheet HTML 21Page - International Rectifier IR3899 Datasheet HTML 22Page - International Rectifier IR3899 Datasheet HTML 23Page - International Rectifier IR3899 Datasheet HTML 24Page - International Rectifier IR3899 Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
- 21 -
August 08, 2012 |DATA SHEET | 3.4
21
IR3899 
9A Highly Integrated SupIRBuck
TM  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97661
FEED‐FORWARD 
Feed‐Forward (F.F.) is an important feature, because it can 
keep the converter stable and preserve its load transient 
performance when Vin varies in a large range. In IR3899, 
F.F. function is enabled when Vin pin is connected to PVin 
pin. In this case, the internal low dropout (LDO) regulator is 
used. The PWM ramp amplitude (Vramp) is proportionally 
changed with Vin to maintain Vin/Vramp almost constant 
throughout Vin variation range (as shown in Fig. 10). Thus, 
the control loop bandwidth and phase margin can be 
maintained constant. Feed‐forward function can also 
minimize impact on output voltage from fast Vin change. 
The maximum Vin slew rate is within 1V/µs.  
If an external bias voltage is used as Vcc, Vin pin should be 
connected to Vcc/LDO_Out pin instead of PVin pin. Then 
the F.F. function is disabled. A re‐calculation of control 
loop parameters is needed for re‐compensation.  
 
Figure 10: Timing Diagram for Feed‐Forward (F.F.) Function 
SMART LOW DROPOUT REGULATOR (LDO) 
IR3899 has an integrated low dropout (LDO) regulator 
which can provide gate drive voltage for both drivers.  
In order to improve overall efficiency over the entire load 
range, LDO voltage is set to 6.4V (typ.) at mid‐ or heavy 
load condition to reduce Rds(on) and thus MOSFET 
conduction loss; and it is reduced to 4.4 (typ.) at light load 
condition to reduce gate drive loss.  
The smart LDO can select its output voltage according to 
the load condition by sensing switch node (SW) voltage. At 
light load condition when part of the inductor current 
flows in the reverse direction (DCM=1), VSW > 0 on LDrv 
falling edge in a switching cycle. If this case happens for 
consecutive 256 switching cycles, the smart LDO reduces 
its output to 4.4V. If in any one of the 256 cycles, Vsw < 0 
on LDrv falling edge, the counter is reset and LDO voltage 
doesn’t change. On the other hand, if Vsw < 0 on LDrv 
falling edge (DCM=0), LDO output is increased to 6.4V. A 
hysteresis band is added to Vsw comparison to avoid 
chattering. Figure 11 shows the timing diagram. Whenever 
device turns on, LDO always starts with 6.4V, then goes to 
4.4V/6.4V depending upon the load condition. For 
internally biased single rail operation, Vin pin should be 
connected to PVin pin, as shown in Figure 11b. If external 
bias voltage is used, Vin pin should be connected to 
Vcc/LDO_Out pin, as shown in Figure 11c. 
Vcc/
LDO
0
0
IL
256/Fs
...
...
...
6.4V
6.4V
4.4V
...
 
Figure 11a: Time Diagram for Smart LDO  
IR3899
VCC/
LDO_OUT
PGnd
Vin
Vin
PVin
Figure 11b: Internally Biased Single Rail Operation  
Figure 11c: Use External Bias Voltage 
OUTPUT VOLTAGE TRACKING AND SEQUENCING 
IR3899 can accommodate user programmable tracking 
and/or sequencing options using Vp, Vref, Enable, and 
Power Good pins. In the block diagram presented on page 
3, the error‐amplifier (E/A) has been depicted with three 
positive inputs. Ideally, the input with the lowest voltage  



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com