Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3899 Datasheet (PDF) - International Rectifier

IR3899 Datasheet PDF - International Rectifier
Part # IR3899
Download  IR3899 Download
File Size   2405.62 Kbytes
Page   43 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 9A HIGHLY INTEGRATED SUPLRBUCK

IR3899 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR3899 Datasheet PDF - International Rectifier

Part # IR3899
Download  IR3899 Click to download

File Size   2405.62 Kbytes
Page   43 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 9A HIGHLY INTEGRATED SUPLRBUCK

IR3899 Datasheet (HTML) - International Rectifier


IR3899 Product details

DESCRIPTION

The IR3899 SupIRBuckTM is an easy‐to‐use, fully integrated and highly efficient DC/DC regulator. The onboard PWM controller and MOSFETs make IR3899 a space‐efficient solution, providing accurate power delivery.

IR3899 is a versatile regulator which offers programmable switching frequency and the fixed internal current limit while operates in wide input and output voltage range.



FEATURES

• Single 5V to 21V application

• Wide Input Voltage Range from 1.0V to 21V with external Vcc

• Output Voltage Range: 0.5V to 0.86× Vin

• Enhanced Line/Load Regulation with Feed‐Forward

• Programmable Switching Frequency up to 1.5MHz

• Internal Digital Soft‐Start/Soft‐Stop

• Enable input with Voltage Monitoring Capability

• Thermally Compensated Current Limit with robust hiccup mode over current protection

• Smart internal LDO to improve light load and full load efficiency

• External Synchronization with Smooth Clocking

• Enhanced Pre‐Bias Start‐Up

• Precision Reference Voltage (0.5V+/‐0.5%) with margining capability

• Vp for Tracking Applications (Source/Sink Capability +/‐9A)

• Integrated MOSFET drivers and Bootstrap Diode

• Thermal Shut Down

• Programmable Power Good Output with tracking capability

• Monotonic Start‐Up

• Operating temp: ‐40oC < Tj < 125oC

• Small Size: 4mm x 5mm PQFN

• Lead‐free, Halogen‐free and RoHS Compliant



APPLICATIONS

• Netcom Applications

• Embedded Telecom Systems

• Server Applications

• Storage Applications

• Distributed Point of Load Power Architectures



 




Similar Part No. - IR3899

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3899 IRF-IR3899 Datasheet
2Mb / 45P
9A Highly Integrated SupIRBuck Single.Input Voltage
logo
Infineon Technologies A...
IR3899A INFINEON-IR3899A Datasheet
1Mb / 38P
9 A single-voltage synchronous Buck regulator
V 2.3 2022-07-25
IR3899AMTRPBF INFINEON-IR3899AMTRPBF Datasheet
1Mb / 38P
9 A single-voltage synchronous Buck regulator
V 2.3 2022-07-25
IR3899AMTRPBFXUMA1 INFINEON-IR3899AMTRPBFXUMA1 Datasheet
1Mb / 38P
9 A single-voltage synchronous Buck regulator
V 2.3 2022-07-25
logo
International Rectifier
IR3899M IRF-IR3899M Datasheet
2Mb / 45P
Single?륤nput Voltage, Synchronous Buck Regulator
More results


Similar Description - IR3899

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3821AMPBF IRF-IR3821AMPBF Datasheet
40Kb / 1P
HIGHLY INTEGRATED 9A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821AMPBF IRF-IR3821AMPBF_08 Datasheet
677Kb / 21P
HIGHLY INTEGRATED 9A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3894 IRF-IR3894 Datasheet
2Mb / 43P
12A HIGHLY INTERGRATED SUPLRBUCK
IR3895 IRF-IR3895 Datasheet
2Mb / 43P
16A HIGHLY INTERGRATED SUPLRBUCK
IR3897 IRF-IR3897 Datasheet
2Mb / 45P
4A HIGHLY INTEGRATED SUPLRBUCK
IR3898 IRF-IR3898 Datasheet
2Mb / 45P
6A HIGHLY INTERGRATED SUPLRBUCK
IR3859MPBF IRF-IR3859MPBF Datasheet
978Kb / 35P
HIGHLY EFFICIENT INTEGRATED 9A, SYNCHRONOUS BUCK REGULATOR
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
9A Highly Integrated SupIRBuck Single.Input Voltage
IR3859M IRF-IR3859M_15 Datasheet
978Kb / 35P
HIGHLY EFFICIENT INTEGRATED 9A, SYNCHRONOUS BUCK REGULATOR
logo
Maxim Integrated Produc...
MAXM15466 MAXIM-MAXM15466 Datasheet
665Kb / 10P
Highly Integrated Solution
Rev 0; 3/19
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com