Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3895 Datasheet (PDF) - International Rectifier

IR3895 Datasheet PDF - International Rectifier
Part # IR3895
Download  IR3895 Download
File Size   2763.75 Kbytes
Page   43 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 16A HIGHLY INTERGRATED SUPLRBUCK

IR3895 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR3895 Datasheet PDF - International Rectifier

Part # IR3895
Download  IR3895 Click to download

File Size   2763.75 Kbytes
Page   43 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 16A HIGHLY INTERGRATED SUPLRBUCK

IR3895 Datasheet (HTML) - International Rectifier


IR3895 Product details

DESCRIPTION
The IR3895 SupIRBuckTMis an easy‐to‐use, fully integrated and highly efficient DC/DC regulator. The onboard PWM controller and MOSFETs make IR3895 a space‐efficient solution, providing accurate power delivery.

FEATURES
• Single 5V to 21V application
• Wide Input Voltage Range from 1.0V to 21V with external Vcc
• Output Voltage Range: 0.5V to 0.86×Vin
• Enhanced Line/Load Regulation with Feed‐Forward
• Programmable Switching Frequency up to 1.5MHz
• Internal Digital Soft‐Start/Soft‐Stop
• Enable input with Voltage Monitoring Capability
• Thermally Compensated Current Limit with robust hiccup mode over current protection
• Smart internal LDO to improve light load and full load efficiency
• External Synchronization with Smooth Clocking
• Enhanced Pre‐Bias Start‐Up
• Precision Reference Voltage (0.5V+/‐0.5%) with margining capability
• Vp for Tracking Applications (source/sink capability ±16A)
• Integrated MOSFET drivers and Bootstrap Diode
• Thermal Shut Down
• Programmable Power Good Output with tracking capability
• Monotonic Start‐Up
• Operating temp: ‐40oC < Tj < 125oC
• Small Size: 5mm x 6mm PQFN
• Lead‐free, Halogen‐free and RoHS Compliant

APPLICATIONS
• Netcom Applications
• Embedded Telecom Systems
• Server Applications
• Storage Applications
• Distributed Point of Load Power Architectures




Similar Part No. - IR3895

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3895 IRF-IR3895 Datasheet
2Mb / 45P
16A Highly Integrated SupIRBuck
IR3895M IRF-IR3895M Datasheet
2Mb / 45P
Single?륤nput Voltage, Synchronous Buck Regulator
IR3895MPBF IRF-IR3895MPBF Datasheet
4Mb / 14P
USER GUIDE FOR IR3895 EVALUATION BOARD
IR3895MPBF IRF-IR3895MPBF Datasheet
2Mb / 45P
16A Highly Integrated SupIRBuck
IR3895MTR1PBF IRF-IR3895MTR1PBF Datasheet
2Mb / 45P
16A Highly Integrated SupIRBuck
More results


Similar Description - IR3895

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMS30C7202N ETC1-HMS30C7202N Datasheet
2Mb / 179P
Highly-intergrated MPU
logo
International Rectifier
IR3894 IRF-IR3894 Datasheet
2Mb / 43P
12A HIGHLY INTERGRATED SUPLRBUCK
IR3897 IRF-IR3897 Datasheet
2Mb / 45P
4A HIGHLY INTEGRATED SUPLRBUCK
IR3898 IRF-IR3898 Datasheet
2Mb / 45P
6A HIGHLY INTERGRATED SUPLRBUCK
IR3899 IRF-IR3899 Datasheet
2Mb / 43P
9A HIGHLY INTEGRATED SUPLRBUCK
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
16A Highly Integrated SupIRBuck
logo
Protech Systems Co., Lt...
PA-3252 PROTECHSYSTEMS-PA-3252 Datasheet
1Mb / 2P
The One of a kind Highly Intergrated 15" POS Terminal
POS-3520 PROTECHSYSTEMS-POS-3520 Datasheet
756Kb / 2P
The One of a kind Highly Intergrated 15 POS Terminal
logo
Infineon Technologies A...
IR3448 INFINEON-IR3448_16 Datasheet
2Mb / 51P
16A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.6 May 17, 2016
IR3829MTRPBF INFINEON-IR3829MTRPBF Datasheet
1Mb / 50P
16A Highly Integrated Single-Input Synchronous SupIRBuck짰 Regulator
Rev 3.7, 03/24/2016
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com