Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3894 Datasheet (PDF) - International Rectifier

IR3894 Datasheet PDF - International Rectifier
Part # IR3894
Download  IR3894 Download
File Size   2887.31 Kbytes
Page   43 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 12A HIGHLY INTERGRATED SUPLRBUCK

IR3894 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR3894 Datasheet PDF - International Rectifier

Part # IR3894
Download  IR3894 Click to download

File Size   2887.31 Kbytes
Page   43 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 12A HIGHLY INTERGRATED SUPLRBUCK

IR3894 Datasheet (HTML) - International Rectifier




Similar Part No. - IR3894

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3894 IRF-IR3894 Datasheet
2Mb / 45P
12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3894M IRF-IR3894M Datasheet
2Mb / 45P
Single?륤nput Voltage, Synchronous Buck Regulator
IR3894MPBF IRF-IR3894MPBF Datasheet
4Mb / 14P
USER GUIDE FOR IR3894 EVALUATION BOARD
IR3894MPBF IRF-IR3894MPBF Datasheet
2Mb / 45P
12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3894MTR1PBF IRF-IR3894MTR1PBF Datasheet
2Mb / 45P
12A Highly Integrated SupIRBuck Single?륤nput Voltage
More results


Similar Description - IR3894

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMS30C7202N ETC1-HMS30C7202N Datasheet
2Mb / 179P
Highly-intergrated MPU
logo
International Rectifier
IR3476 IRF-IR3476 Datasheet
1Mb / 21P
12A Highly Integrated SupIRBuck IR3476 TM
IR3895 IRF-IR3895 Datasheet
2Mb / 43P
16A HIGHLY INTERGRATED SUPLRBUCK
IR3897 IRF-IR3897 Datasheet
2Mb / 45P
4A HIGHLY INTEGRATED SUPLRBUCK
IR3898 IRF-IR3898 Datasheet
2Mb / 45P
6A HIGHLY INTERGRATED SUPLRBUCK
IR3899 IRF-IR3899 Datasheet
2Mb / 43P
9A HIGHLY INTEGRATED SUPLRBUCK
IR3476 IRF-IR3476_13 Datasheet
884Kb / 21P
12A Highly Integrated SupIRBuck Continuous 12A Load Capability
IR3840WMPBF IRF-IR3840WMPBF_12 Datasheet
793Kb / 34P
HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3840M IRF-IR3840M_15 Datasheet
924Kb / 32P
HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com