Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3021 Datasheet(PDF) 16 Page - Linear Technology

Part # LT3021
Description  Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3021 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3021 Datasheet HTML 12Page - Linear Technology LT3021 Datasheet HTML 13Page - Linear Technology LT3021 Datasheet HTML 14Page - Linear Technology LT3021 Datasheet HTML 15Page - Linear Technology LT3021 Datasheet HTML 16Page - Linear Technology LT3021 Datasheet HTML 17Page - Linear Technology LT3021 Datasheet HTML 18Page - Linear Technology LT3021 Datasheet HTML 19Page - Linear Technology LT3021 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LT3029
16
3029fa
APPLICATIONS INFORMATION
The LT3029 incurs no damage if either ADJ pin is pulled
above or below ground by 9V. If the input is left open
circuit or grounded, the ADJ pins perform like an open
circuit down to –1.5V, and then like a 1.2k resistor down
to –9V when pulled below ground. When pulled above
ground, the ADJ pins perform like an open circuit up to
0.5V, then like a 5.7k resistor up to 3V, then like a 1.8k
resistor up to 9V.
In situations where an ADJ pin connects to a resistor
divider that would pull the pin above its 9V clamp volt-
age if the output is pulled high, the ADJ pin input current
must be limited to less than 5mA. For example, assume
a resistor divider sets the regulated output voltage to
1.5V, and the output is forced to 20V. The top resistor of
the resistor divider must be chosen to limit the current
into the ADJ pin to less than 5mA when the ADJ pin is
at 9V. The 11V difference between the OUT and ADJ pins
divided by the 5mA maximum current into the ADJ pin
yields a minimum top resistor value of 2.2k.
In circuits where a backup battery is required, several
different input/output conditions can occur. The output
voltage may be held up while the input is either pulled
to ground, pulled to some intermediate voltage or is left
open-circuit. Current flow back into the output follows the
curve shown in Figure 5.
If either of the LT3029’s IN pins is forced below its cor-
responding OUT pin, or the OUT pin is pulled above its
corresponding IN pin, input current for that channel typi-
cally drops to less than 2μA. This occurs if the IN pin is
connected to a discharged (low voltage) battery, and either
a backup battery or a second regulator circuit holds up
the output. The state of that channel’s SHDN pin has no
effect on the reverse output current if the output is pulled
above the input.
Overload Recovery
Like many IC power regulators, the LT3029 has safe
operating area (SOA) protection. The safe area protec-
tion decreases current limit as input-to-output voltage
increases and keeps the power transistor inside a safe
operating region for all values of input-to-output voltage.
The protective design provides some output current at
all values of input-to-output voltage up to the specified
maximum operational input voltage of 20V.
When power is first applied, as input voltage rises, the
output follows the input, allowing the regulator to start-up
into very heavy loads. During start-up, as the input voltage
is rising, the input-to-output voltage differential is small,
allowing the regulator to supply large output currents.
With a high input voltage, an event can occur wherein
removal of an output short will not allow the output to
recover. The event occurs with a heavy output load when
the input voltage is high and the output voltage is low.
Common situations occur immediately after the removal
of a short-circuit or if the shutdown pin is pulled high after
the input voltage has already been turned on. The load line
intersects the output current curve at two points creating
two stable output operating points for the regulator. With
this double intersection, the input power supply may need
to be cycled down to zero and brought up again to make
the output recover.
Figure 5. Reverse Output Current
OUTPUT VOLTAGE (V)
3029 F05
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
TJ = 25°C
VIN = 0V
VADJ = VOUT
IADJ FLOWS INTO ADJ PIN TO GND PIN
IOUT FLOWS INTO OUT PIN TO IN PIN
0123
4
5
6789
IADJ
IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com