Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3021 Datasheet(PDF) 20 Page - Linear Technology

Part # LT3021
Description  Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3021 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT3021 Datasheet HTML 12Page - Linear Technology LT3021 Datasheet HTML 13Page - Linear Technology LT3021 Datasheet HTML 14Page - Linear Technology LT3021 Datasheet HTML 15Page - Linear Technology LT3021 Datasheet HTML 16Page - Linear Technology LT3021 Datasheet HTML 17Page - Linear Technology LT3021 Datasheet HTML 18Page - Linear Technology LT3021 Datasheet HTML 19Page - Linear Technology LT3021 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT3029
20
3029fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2010
LT 0311 REV A • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT1761
100mA, Low Noise Micropower LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.3V, IQ = 20μA, ISD < 1μA,
Low Noise < 20μVRMS, Stable with 1μF Ceramic Capacitors, ThinSOT
TM Package
LT1763
500mA, Low Noise Micropower LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.3V, IQ = 30μA, ISD < 1μA,
Low Noise < 20μVRMS, S8 and DFN Packages
LT1963/
LT1963A
1.5A, Low Noise, Fast Transient
Response LDOs
VIN: 2.1V to 20V, VOUT(MIN) = 1.21V, VDO = 0.34V, IQ = 1mA, ISD < 1μA,
Low Noise: < 40μVRMS, “A” Version Stable with Ceramic Capacitors;
DD, TO220-5, SOT223, S8 and TSSOP Packages
LT1964
200mA, Low Noise Micropower,
Negative LDO
VIN: –1.9V to –20V, VOUT(MIN) = –1.22V, VDO = 0.34V, IQ = 30μA, ISD = 3μA,
Low Noise: <30μVRMS, Stable with Ceramic Capacitors, ThinSOT Package
LT1965
1.1A, Low Noise LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.20V, VDO = 0.31V, IQ = 0.5mA, ISD < 1μA,
Low Noise: <40μVRMS, Stable with Ceramic Capacitors; 3mm × 3mm DFN,
MS8E, DD-Pak and TO-220 Packages
LT3020
100mA, Low Voltage VLDO
VIN: 0.9V to 10V, VOUT(MIN) = 0.20V, VDO = 0.15V, IQ = 120μA, ISD < 3μA;
3mm
× 3mm DFN and MS8 Packages
LT3021
500mA, Low Voltage VLDO
VIN: 0.9V to 10V, VOUT(MIN) = 0.20V, VDO = 0.16V, IQ = 120μA, ISD < 3μA;
5mm
× 5mm DFN and SO8 Packages
LT3023
Dual 100mA, Low Noise,
Micropower LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.30V, IQ = 40μA, ISD < 1μA;
DFN and MS10E Packages
LT3024
Dual 100mA/500mA, Low Noise,
Micropower LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.30V, IQ = 60μA, ISD < 1μA;
DFN and TSSOP-16E Packages
LTC3025
300mA, Low Voltage Micropower VLDO
VIN: 0.9V to 5.5V, Low IQ: 54μA, Low Noise < 80μVRMS, 45mV Dropout Voltage;
2mm
× 2mm 6-Lead DFN Package
LTC3026
1.5A, Low Input Voltage VLDO
VIN: 1.14V to 5.5V, Low IQ: 950μA, Low Noise < 110μVRMS, 100mV Dropout Voltage;
10-Lead 3mm
× 3mm DFN and MS10E Packages
LT3027
Dual 100mA, Low Noise, Micropower
LDO with Independent Inputs
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.30V, IQ = 50μA, ISD < 1μA;
DFN and MS10E Packages
LT3028
Dual 100mA/500mA, Low Noise, Micropower
LDO with Independent Inputs
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.32V, IQ = 60μA, ISD < 1μA;
DFN and TSSOP-16E Packages
LT3080/
LT3080-1
1.1A, Parallelable, Low Noise LDO
VIN: 1.2V to 36V, VOUT: 0V to 35.7V, Low Noise < 40μVRMS, 300mV Dropout Voltage
(2-Supply Operation), Current-Based Reference with 1-Resistor VOUT Set, Directly
Parallelable (No Op Amp Required), Stable with Ceramic Capacitors;
TO-220, SOT-223, MS8E and 3mm
× 3mm DFN Packages
ThinSOT is a trademark of Linear Technology Corporation.
VOUT1
1.8V
500mA
VOUT2
1.5V
500mA
237k
1%
10nF
3.3μF
113k
1%
3029 TA02
OUT2
ADJ2
BYP2
GND
237k
1%
10nF
3.3μF
54.9k
1%
OUT1
ADJ1
BYP1
LT3029
LTC2923
IN1
VCC
3.3μF
SHDN1
IN2
SHDN2
SDO
FB2
GND
RAMP
GATE
FB1
ON
TRACK1
RAMPBUF
TRACK2
2.5V
3.3V
3.3μF
63.4k
1%
54.9k
1%
90.9k
1%
113k
1%
0.1μF
3.3V
CGATE
0.1μF
ON
OFF
1M
Coincident Tracking Supply Application
10ms/DIV
VOUT1
VOUT2
500mV/DIV
3029 TA02b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com