Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB260 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # USB260
Description  Surface Mount Ultrafast Plastic Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

USB260 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  USB260 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd USB260 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
600V
2.0A
USB260
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Mechanical Data
• Glass passivated chip junction
• Ideal for automated placement
• Ultrafast recovery times for high efficiency
• Low forward voltage, low power losses
• High forward surge capability
• Meets MSL level 1, per J-STD-020C
• Solder Dip 260 °C, 40 seconds
• Component in accordance to RoHS 2002/95/EC
and WEE 2002/96/EC
Case: DO-214AA (SMB)
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002B and JESD22-B102D
E3 suffix for commercial grade, HE3 suffix for high
reliability grade (AEC Q101 qualified)
Polarity: Color band denotes cathode end
Maximum Ratings (TA = 25 °C unless otherwise specified)
Parameters
Symbol
USB260
Unit
Device marking code
U60
Maximum repetitive peak reverse voltage
VRRM
600
V
Maximum RMS voltage
VRMS
420
V
Maximum DC blocking voltage
VDC
600
V
Maximum average forward rectified current (see Fig. 1)
IF(AV)
2.0
A
Peak forward surge current 8.3 ms single half sine-wave superimposed on
rated load
IFSM
90
A
Non-repetitive avalanche energy at IAS = 2.0 A, L = 10 mH, TJ = 25 °C
EAS
20
mJ
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C
Electrical Characteristics (TA = 25 °C unless otherwise specified)
Thermal Characteristics (TA = 25 °C unless otherwise specified)
Notes: (1) Units mounted on P.C.B. with 2.0 x 2.0" copper pad areas
Parameters
Test condition
Symbol
Typ.
Max.
Unit
Breakdown voltage
at IR = 10 µA
TJ = 25 °C
V(BR)
600 (minimum)
V
Instantaneous forward voltage (1)
at IF = 1 A
TJ = 25 °C
VF
1.25
-
V
at IF = 2.0 A
TJ = 25 °C
TJ = 125 °C
1.5
1.0
1.6
1.1
Maximum reverse current (1)
at VR = 600 V
TJ = 25 °C
TJ = 125 °C
IR
-
30
5.0
100
µA
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
trr
30
ns
Typical junction capacitance
at 4.0 V, 1 MHz
CJ
45
pF
Parameters
Symbol
USB260
Unit
Typical thermal resistance (1)
RθJA
RθJL
45
10
°C/W
Surface Mount Ultrafast Plastic Rectifier


Similar Part No. - USB260

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
USB260 VISHAY-USB260 Datasheet
410Kb / 5P
Surface Mount Ultrafast Plastic Rectifier
14-Dec-05
USB260 VISHAY-USB260 Datasheet
110Kb / 5P
Surface Mount Ultrafast Plastic Rectifier
13-May-08
logo
SUNMATE electronic Co.,...
USB260 SUNMATE-USB260 Datasheet
544Kb / 2P
SURFACE MOUNT ULTRAFAST PLASTIC RECTIFIER
logo
Vishay Siliconix
USB260 VISHAY-USB260 Datasheet
106Kb / 5P
Surface-Mount Ultrafast Plastic Rectifier
09-Apr-2020
USB260-E3/52T VISHAY-USB260-E3/52T Datasheet
410Kb / 5P
Surface Mount Ultrafast Plastic Rectifier
14-Dec-05
More results

Similar Description - USB260

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MURS140 VISHAY-MURS140 Datasheet
102Kb / 4P
Surface Mount Ultrafast Plastic Rectifier
27-Aug-07
MURS340 VISHAY-MURS340_07 Datasheet
106Kb / 4P
Surface Mount Ultrafast Plastic Rectifier
27-Aug-07
MURS340S VISHAY-MURS340S Datasheet
103Kb / 4P
Surface Mount Ultrafast Plastic Rectifier
01-Aug-08
U1B VISHAY-U1B Datasheet
103Kb / 4P
Surface Mount Ultrafast Plastic Rectifier
13-May-08
MURS340 VISHAY-MURS340_15 Datasheet
88Kb / 6P
Surface Mount Ultrafast Plastic Rectifier
20-Feb-15
U1B VISHAY-U1B_V01 Datasheet
93Kb / 5P
Surface-Mount Ultrafast Plastic Rectifier
09-Apr-2020
MURS240 VISHAY-MURS240_V01 Datasheet
103Kb / 5P
Surface-Mount Ultrafast Plastic Rectifier
08-Apr-2020
MURS460 VISHAY-MURS460_V01 Datasheet
102Kb / 5P
Surface-Mount Ultrafast Plastic Rectifier
13-May-2020
ES1A VISHAY-ES1A_V01 Datasheet
100Kb / 5P
Surface-Mount Ultrafast Plastic Rectifier
01-Apr-2020
ESH2B VISHAY-ESH2B_V01 Datasheet
107Kb / 5P
Surface-Mount Ultrafast Plastic Rectifier
13-May-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com