Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB260 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # USB260
Description  Surface Mount Ultrafast Plastic Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

USB260 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  USB260 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd USB260 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
USB260
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
Figure 1. Maximum Forward Current Derating Curve
0
80
90
100
110
120
130
140
150
3.0
2.0
1.0
P.C.B. Mounted on 2.0 x 2.0"
copper pad areas
Lead Temperature (°C)
Figure 2. Forward Power Loss Characteristics
T
D - tp/T
tp
0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6
3.0
2.5
2.0
1.5
1.0
0.5
0
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
Figure 3. Maximum Non-Repetitive Peak Forward Surge Current
Figure 4. Typical Instantaneous Forward Characteristics
1
10
100
Number of Cycles at 60 Hz
60
40
20
0
80
100
TJ = 150 °C
TJ = 125 °C
TJ = 25 °C
100
10
1
0.1
0.01
0.1
0.6
1.1
1.6
2.1
2.6
3.1
3.6
Instantaneous Forward Voltage (V)
Figure 6. Typical Junction Capacitance
Figure 7. Typical Transient Thermal Impedance
1000
100
10
1
0.1
1
10
100
Reverse Voltage (V)
1
10
100
t, Pulse Duration (s)
0.01
0.1
1
10
100
600V
2.0A
USB260
Surface Mount Ultrafast Plastic Rectifier



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com