Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS78L06CS Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS78L06CS
Description  3-Terminal 100mA Positive Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS78L06CS Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS78L06CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS78L06CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS78L06CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS78L06CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS78L06CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS78L06CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS78L06CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS78L06CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS78L06CS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TS78L00 Series
3-Terminal 100mA Positive Voltage Regulator
4/12
Version: D12
TS78L08 Electrical Characteristics
Vin=14V, Iout=40mA, 0
oC
≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output voltage
Vout
Tj=25
oC
7.69
8
8.32
V
10.5V
≤Vin≤23V,
5mA
≤Iout≤100mA
7.61
8
8.40
Line Regulation
REGline
Tj=25
oC
10.5V
≤Vin≤23V
Iout=40mA
--
80
160
mV
Load Regulation
REGload
Tj=25
oC
5mA
≤Iout≤100mA
--
25
80
5mA
≤Iout≤40mA
--
10
40
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
3
6
mA
Quiescent Current Change
∆Iq
10.5V
≤Vin≤23V
--
--
1.5
5mA
≤Iout≤40mA
--
--
0.1
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25oC
--
60
--
µV
Ripple Rejection Ratio
RR
f=120Hz, 10.5V
≤Vin≤23V
37
57
--
dB
Voltage Drop
Vdrop
Iout=100mA, Tj=25
oC
--
1.7
--
V
Peak Output Current
Io peak
Tj=25
oC
--
0.15
--
A
Temperature Coefficient of
Output Voltage
∆Vout/ ∆Tj
Iout=5mA, 0
oC
≤Tj≤150oC
--
-0.8
--
mV/
oC
TS78L09 Electrical Characteristics
Vin=15V, Iout=40mA, 0
oC
≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output voltage
Vout
Tj=25
oC
8.65
9
9.36
V
11.5V
≤Vin≤23V,
5mA
≤Iout≤100mA
8.57
9
9.45
Line Regulation
REGline
Tj=25
oC
11.5V
≤Vin≤23V
Iout=40mA
--
90
180
mV
Load Regulation
REGload
Tj=25
oC
5mA
≤Iout≤100mA
--
30
90
5mA
≤Iout≤40mA
--
15
45
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
3
6
mA
Quiescent Current Change
∆Iq
11.5V
≤Vin≤23V
--
--
1.5
5mA
≤Iout≤40mA
--
--
0.1
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25oC
--
60
--
µV
Ripple Rejection Ratio
RR
f=120Hz, 11.5V
≤Vin≤23V
37
57
--
dB
Voltage Drop
Vdrop
Iout=100mA, Tj=25
oC
--
1.7
--
V
Peak Output Current
Io peak
Tj=25
oC
--
0.15
--
A
Temperature Coefficient of
Output Voltage
∆Vout/ ∆Tj
Iout=5mA, 0
oC
≤Tj≤150oC
--
-0.9
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com