Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS78L06CS Datasheet(PDF) 11 Page - Taiwan Semiconductor Company, Ltd

Part # TS78L06CS
Description  3-Terminal 100mA Positive Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS78L06CS Datasheet(HTML) 11 Page - Taiwan Semiconductor Company, Ltd

Back Button TS78L06CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS78L06CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS78L06CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS78L06CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS78L06CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS78L06CS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS78L06CS Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS78L06CS Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS78L06CS Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TS78L00 Series
3-Terminal 100mA Positive Voltage Regulator
11/12
Version: D12
SOT-23 Mechanical Drawing
Marking Diagram
L
3
= Device Voltage Code
(L3=3.3V, L5=5V, L6=6V, L8=8V, L9=9V, L1=10V, L2=12V, A=15V, D=18V, J=24V)
Y = Year Code
M = Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L = Lot Code
SOT-23 DIMENSION
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX.
A
0.95 BSC
0.037 BSC
A1
1.9 BSC
0.074 BSC
B
2.60
3.00
0.102
0.118
C
1.40
1.70
0.055
0.067
D
2.80
3.10
0.110
0.122
E
1.00
1.30
0.039
0.051
F
0.00
0.10
0.000
0.004
G
0.35
0.50
0.014
0.020
H
0.10
0.20
0.004
0.008
I
0.30
0.60
0.012
0.024
J
5º
10º
5º
10º



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com