Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL13W Datasheet(PDF) 13 Page - Advanced Semiconductor Business Inc.

Part # ASL13W
Description  5-3000 MHz MMIC Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL13W Datasheet(HTML) 13 Page - Advanced Semiconductor Business Inc.

Back Button ASL13W Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL13W Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL13W Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL13W Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL13W Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL13W Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL13W Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL13W Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL13W Datasheet HTML 14Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13/14
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
April 2012
ASL13W
5-3000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +10 dBm/tone sepa-
rated by 1 MHz.
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
2300
2450
2600
Magnitude S21 (dB)
12
11.5
11
Magnitude S11 (dB)
-20
-20
-18
Magnitude S22 (dB)
-16
-16
-15
Output P1dB (dBm)
22
22
22
Output IP3
1) (dBm)
38
37.5
37.5
Noise Figure (dB)
1.0
1.1
1.15
Device Voltage (V)
5
5
5
Current (mA)
60
60
60
2300 ~ 2600
+5 V
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
L2=39 nH
C3=68 pF
RF OUT
ASL13W
C2=68 pF
RF IN
C4=100 pF
C5=10 nF
Vcc=5V
L1=39 nH
C1=1
pF
D
B
R =5.6
kW
R =8.2 W
Note: A shunt RB is a bias resistor requisite to
operate ASL13W properly, while RD as a vol-
tage drop resistor is added to apply 4.4 V to
the device. A user can easily REDUCE an
operating current by choosing different RB
values with minimized loss only in OIP3 and
P1dB.
1800
2000
2200
2400
2600
2800
3000
0
5
10
15
20
Frequency (MHz)
-40
oc
25
oc
85
oc
1800
2000
2200
2400
2600
2800
3000
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
1800
2000
2200
2400
2600
2800
3000
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com