Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL13W Datasheet(PDF) 14 Page - Advanced Semiconductor Business Inc.

Part # ASL13W
Description  5-3000 MHz MMIC Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL13W Datasheet(HTML) 14 Page - Advanced Semiconductor Business Inc.

Back Button ASL13W Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL13W Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL13W Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL13W Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL13W Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL13W Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL13W Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL13W Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL13W Datasheet HTML 14Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
14/14
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
April 2012
ASL13W
5-3000 MHz MMIC Amplifier
P1dB vs. Temperature
Current vs. Temperature
Output IP3 vs. Tone Power (Frequency = 2450 MHz)
Gain vs. Temperature
-60
-40
-20
0
20
40
60
80
100
0
20
40
60
80
100
Temperature (
oC)
-60
-40
-20
0
20
40
60
80
100
0
4
8
12
16
20
Temperature (
oC)
Frequency = 2450 MHz
-60
-40
-20
0
20
40
60
80
100
16
18
20
22
24
26
Temperature (
oC)
Frequency = 2450 MHz
6
7
8
9
10
11
12
13
14
15
16
17
0
10
20
30
40
50
60
P
out per Tone (dBm)
-40
oc
25
oc
85
oc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com