Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL19H Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

Part # ASL19H
Description  5-4000 MHz High Linearity LNA MMIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL19H Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  ASL19H Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL19H Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL19H Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL19H Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL19H Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL19H Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL19H Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL19H Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL19H Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
December 2010
ASL19H
5-4000 MHz High Linearity LNA MMIC
1) OIP3 is measured with two tones at an output power of +10 dBm/tone se-
parated by 1 MHz.
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
1800
Magnitude S21 (dB)
15
Magnitude S11 (dB)
-15
Magnitude S22 (dB)
-15
Output P1dB (dBm)
22
Output IP3
1) (dBm)
36
Noise Figure (dB)
0.95
Device Voltage (V)
5
Current (mA)
73
Note: A shunt RB is a bias resistor requisite to
operate ASL19H properly, while RD as a vol-
tage drop resistor is added to apply 4.4 V to
the device. A user can easily REDUCE an
operating current by choosing different RB
values with minimized loss only in OIP3 and
P1dB.
1800 MHz
+5 V
C1=100 pF
L1=68 nH
C3=100 pF
Vcc=5 V
RF IN
RF OUT
C4=100 pF
C5=10 nF
ASL19H
D1=5.6V
Zener Diode
L2=39 nH
C2=1 pF
R =6.2
kW
B
D
R =8.2 W
4.5 mm
1500
1600
1700
1800
1900
2000
2100
0
5
10
15
20
25
Frequency (MHz)
1500
1600
1700
1800
1900
2000
2100
-20
-15
-10
-5
0
Frequency (MHz)
1500
1600
1700
1800
1900
2000
2100
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com