Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL19H Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL19H
Description  5-4000 MHz High Linearity LNA MMIC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL19H Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL19H Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL19H Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL19H Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL19H Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL19H Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL19H Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL19H Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL19H Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL19H Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
December 2010
ASL19H
5-4000 MHz High Linearity LNA MMIC
Parameters
Units
Typical
Frequency
MHz
900
2000
2400
2700
3500
Gain
dB
20
14.5
12.3
11.5
9
S11
dB
-20
-20
-18
-14
-14
S22
dB
-12
-13
-18
-18
-13
Output IP3
1)
dBm
35
36
36
36
35
Noise Figure
dB
1.0
1.05
1.1
1.4
1.6
Output P1dB
dBm
22
22
20.5
20.5
20
Current
mA
73
73
73
73
73
Device Voltage
V
5
5
5
5
5
1) OIP3 is measured with two tones at an output power of +10 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
2000
Gain
dB
13.5
14.5
S11
dB
-20
S22
dB
-13
Output IP3
dBm
36
Noise Figure
dB
1.05
1.2
Output P1dB
dBm
20
22
Current
mA
73
Device Voltage
V
5
Parameters
Rating
Operating Case Temperature
-40 to +85°C
Storage Temperature
-40 to +150°C
Device Voltage
+6 V
Operating Junction Temperature
+150°C
Input RF Power (CW, 50ohm matched)*
22 dBm
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Features
Description
Absolute Maximum Ratings
·14.5 dB Gain at 2 GHz
·22 dBm P1dB at 2 GHz
·36 dBm Output IP3 at 2 GHz
·1.05 dB NF at 2 GHz
·MTTF > 100 Years
·Single Supply
The ASL19H, a wideband linear low noise amplifier
MMIC, has a low noise and high linearity at low bias
current, being suitable for use in both receiver and
transmitter of telecommunication systems up to 4 GHz.
S11 down to –20 dB is easily achieved for low noise
application to provide a good productivity. The amplifi-
er is available in an SOT-89 package and passes
through the stringent DC, RF, and reliability tests.
Application Circuit
· IF (70 ~ 140 MHz)
· 900 MHz
· 1800 MHz
· 2000 MHz
· 2400 MHz
· 2700 MHz
· 3500 MHz
Product Specifications
Typical Performance
ASL19H
Package Style: SOT-89
Pin Configuration
Pin No.
Function
1
RF IN
2
GND
3
RF OUT / Bias


Similar Part No. - ASL19H

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL19C ASB-ASL19C Datasheet
317Kb / 4P
5-3000 MHz High Linearity LNA MMIC
September 2012
ASL19C ASB-ASL19C Datasheet
882Kb / 10P
High Linearity LNA MMIC
April 2017
ASL19C ASB-ASL19C Datasheet
920Kb / 8P
5 ~ 3000 MHz High Linearity LNA MMIC
March 2015
ASL19C ASB-ASL19C_15 Datasheet
920Kb / 8P
5 ~ 3000 MHz High Linearity LNA MMIC
March 2015
ASL19C ASB-ASL19C_17 Datasheet
882Kb / 10P
High Linearity LNA MMIC
April 2017
More results

Similar Description - ASL19H

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL03S ASB-ASL03S Datasheet
314Kb / 4P
5-4000 MHz High Linearity LNA MMIC
May 2012
ASL09C ASB-ASL09C Datasheet
225Kb / 3P
5-4000 MHz High Linearity LNA MMIC
September 2012
ASL09S ASB-ASL09S Datasheet
483Kb / 7P
5-4000 MHz High Linearity LNA MMIC
May 2012
ASL19C ASB-ASL19C Datasheet
317Kb / 4P
5-3000 MHz High Linearity LNA MMIC
September 2012
ASL210 ASB-ASL210 Datasheet
505Kb / 8P
5-3000 MHz High Linearity LNA MMIC
February 2011
ASL09C ASB-ASL09C_13 Datasheet
361Kb / 3P
5 ~ 4000 MHz High Linearity LNA MMIC
September 2012
ASL19C ASB-ASL19C_15 Datasheet
920Kb / 8P
5 ~ 3000 MHz High Linearity LNA MMIC
March 2015
ASL19W ASB-ASL19W_14 Datasheet
780Kb / 22P
5-3000 MHz High Linearity LNA MMIC
April 2014
ASL29W ASB-ASL29W_13 Datasheet
727Kb / 11P
5 ~ 3000 MHz High Linearity LNA MMIC
February 2010
ASL41S9 ASB-ASL41S9 Datasheet
508Kb / 11P
5 ~ 4000 MHz High Linearity LNA MMIC
June 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com