Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL551 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ASL551
Description  Wideband Linear Push-pull Amplifier MMIC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL551 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ASL551 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL551 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL551 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL551 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL551 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL551 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL551 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL551 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL551 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7220
June 2012
ASL551
Wideband Linear Push-pull Amplifier MMIC
.
1) OIP3 and OIP2 are measured with two tones at an output power of +12 dBm/tone
separated by 6 MHz.
2) OIP2 is measured at F1+F2 Frequency.
3) Pout = 106 dBuV for 84 channels.
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
APPLICATION CIRCUIT
Frequency (MHz)
50
500
860
Noise Figure (dB)
1.8
1.85
1.95
Magnitude S21 (dB)
20.2
19.6
18.8
Magnitude S11 (dB)
-20
-17
-20
Magnitude S22 (dB)
-20
-17
-17
Output P1dB (dBm)
28
28
28
Output IP3
1) (dBm)
44.5
46.5
45
Output IP2
1),2) (dBm)
78
76
66
CSO (dBc)
3)
60
CTB (dBc)
3)
64
Device Voltage (V)
6.5
Current (mA)
433
Note: MABA-007159 1:1 impedance transformers
are used.
S-parameters
CATV Push-Pull
1 : 1 transformer
50 ~ 1000 MHz
+6.5 V
0
100
200
300
400
500
600
700
800
900
1000
0
5
10
15
20
25
Frequency (MHz)
-40
oc
25
oc
85
oc
0
100
200
300
400
500
600
700
800
900
1000
-35
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
0
100
200
300
400
500
600
700
800
900
1000
-35
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
RF IN
Vs=6.5 V
C4=10 uF
RF OUT
C8=10 uF
Vs=6.5 V
1 : 1
transformer
1 : 1
transformer
R1=470
W
R2=470
W
C1=1 uF
C2=1 uF
C3=1 uF
C5=1 uF
C6=1 uF
C7=1 uF
C9=0.5 pF
L1=1 uH
(LQH31CN1R0M03)
R3=15 k
W
R4=15 k
W
ASL551
L2=1 uH
(LQH31CN1R0M03)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com