Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL551 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL551
Description  Wideband Linear Push-pull Amplifier MMIC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL551 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL551 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL551 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL551 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL551 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL551 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL551 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL551 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL551 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL551 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7220
June 2012
ASL551
Wideband Linear Push-pull Amplifier MMIC
1) OIP3 and OIP2 are measured with two tones at an output power of +10 dBm/tone separated by 1 MHz.
2) OIP3 and OIP2 are measured with two tones at an output power of +12 dBm/tone separated by 6 MHz.
3) OIP2 is measured at F1+F2 Frequency.
CSO & CTB measured at Pout = 106 dBuV 84 ch (4), 106.7 dBuV PAL-60 ch (5), 105 dBuV 84 ch (6).
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
500
Gain
dB
19.6
S11
dB
-17
S22
dB
-17
Output IP3
dBm
46.5
Noise Figure
dB
1.85
Output P1dB
dBm
28
Current
mA
433
Device Voltage
V
6.5
Parameters
Units
Typical
Frequency
MHz
5
500
500
500
Noise Figure
dB
1.5
1.85
1.8
1.55
Gain
dB
21.1
19.6
19.6
19.8
S11
dB
-20
-17
-17
-20
S22
dB
-20
-17
-17
-17
Output P1dB
dBm
26
28
28
28
Output IP3
dBm
39
1)
46.5
2)
47.5
2)
43.5
2)
Output IP2
1), 2), 3) (dBm)
dBm
74
76
76
65
CSO
dBc
-
60
4)
65
5)
62
6)
CTB
dBc
-
64
4)
64
5)
63
6)
Current
mA
250
433
433
250
Device Voltage
V
8
6.5
6
8
Parameters
Rating
Operating Case Temperature
-40 to
+85°C
Storage Temperature
-40 to
+150°C
Device Voltage
+9 V
Operating Junction Temperature
+160
°C
Input RF Power (CW, 75 ohm matched)
9 dBm
Maximum Current
500 mA
Thermal Resistance
18
°C/W
Features
Description
Typical Performance
Absolute Maximum Ratings
·
High Linearity 46.5 dBm OIP3
·
Low Noise Figure 1.85 dB
·
28 dBm P1dB
·
75 Ohm Input / Output Match
·
Bandwidth 5 ~ 1000 MHz
·
Single Supply 6.5 V
The ASL551, a wideband linear push-pull amplifi-
er MMIC, has a high linearity and low noise over a
wide range of frequency 5 MHz to 1 GHz, being
suitable for use in the fiber receiver, distribution
amplifiers and drop amplifiers of CATV systems,
and in the mobile wireless repeaters and BTS.
The amplifier is available in an SOIC-8 package
and passes through the stringent DC, RF, and
reliability tests.
Application Circuit
·
50 ~ 1000 MHz ( 6.5 V )
·
50 ~ 1000 MHz ( 6.5 V / LPF )
·
50 ~ 1000 MHz ( 6 V )
·
50 ~ 1000 MHz
( 8 V / High Linearity )
·
50 ~ 1000 MHz ( 8 V )
·
5 ~ 200 MHz ( 8 V / 5V )
Product Specifications
ASL551
Package Style: SOIC-8
Pin Configuration
Pin No.
Function
1
RF IN 1
2,3,6,7
NC
4
RF IN 2
5
RF OUT 2
8
RF OUT 1


Similar Part No. - ASL551

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL551 ASB-ASL551 Datasheet
943Kb / 10P
Wideband Linear Push-pull Amplifier MMIC
July 2017
ASL551 ASB-ASL551_17 Datasheet
943Kb / 10P
Wideband Linear Push-pull Amplifier MMIC
July 2017
More results

Similar Description - ASL551

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL31C ASB-ASL31C Datasheet
324Kb / 5P
Wideband Linear Amplifier MMIC
August 2012
ASL330 ASB-ASL330 Datasheet
710Kb / 8P
Wideband Linear Amplifier MMIC
September 2011
ASL331 ASB-ASL331 Datasheet
581Kb / 6P
Wideband Linear Push-pull Amplifier MMIC
March 2012
ASL362 ASB-ASL362 Datasheet
548Kb / 7P
Wideband Linear Push-pull Amplifier MMIC
June 2011
ASL552 ASB-ASL552 Datasheet
662Kb / 10P
Wideband Linear Push-pull Amplifier MMIC
June 2011
ASL331 ASB-ASL331_17 Datasheet
1Mb / 11P
Wideband Linear Push-pull Amplifier MMIC
September 2017
ASL362 ASB-ASL362_17 Datasheet
906Kb / 11P
Wideband Linear Push-pull Amplifier MMIC
June 2017
ASL551 ASB-ASL551_17 Datasheet
943Kb / 10P
Wideband Linear Push-pull Amplifier MMIC
July 2017
ASL552 ASB-ASL552_17 Datasheet
878Kb / 11P
Wideband Linear Push-Pull Amplifier MMIC
June 2017
ASL572 ASB-ASL572 Datasheet
778Kb / 8P
Wideband Linear Push-pull Amplifier MMIC
June 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com