Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL580 Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # ASL580
Description  Wideband Linear Amplifier MMIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL580 Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  ASL580 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL580 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL580 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL580 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL580 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL580 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL580 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL580 Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2/8
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
October 2012
ASL580
Wideband Linear Amplifier MMIC
Pin No.
Function
1
RF IN
2
GND
3
RF OUT / Bias
Mounting Recommendation (in mm)
Outline Drawing
Note: 1. The number and size of ground via holes in
a circuit board is critical for thermal and RF
grounding considerations.
2. We recommend that the ground via holes
be placed on the bottom of the lead pin 2
and exposed pad of the device for better RF
and thermal performance, as shown in the
drawing at the left side.
ESD Classification
HBM
Class 1B
Voltage Level: 500 V
MM
Class A
Voltage Level: 125 V
CAUTION: ESD-sensitive device!
Moisture Sensitivity Level (MSL)
Level 3 at 260°C reflow
ESD Classification & Moisture Sensitivity Level
Symbols
Dimensions (In mm)
MIN
NOM
MAX
A
1.40
1.50
1.60
L
0.89
1.04
1.20
b
0.36
0.42
0.48
b1
0.41
0.47
0.53
C
0.38
0.40
0.43
D
4.40
4.50
4.60
D1
1.40
1.60
1.75
E
3.64
---
4.25
E1
2.40
2.50
2.60
e1
2.90
3.00
3.10
H
0.35
0.40
0.45
S
0.65
0.75
0.85
e
1.40
1.50
1.60
ASL580
Pxxxx
Lot No.
Part No.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com