Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL580 Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

Part # ASL580
Description  Wideband Linear Amplifier MMIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL580 Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  ASL580 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL580 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL580 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL580 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL580 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL580 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL580 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL580 Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5/8
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
October 2012
ASL580
Wideband Linear Amplifier MMIC
1) OIP3 and OIP2 are measured with two tones at an output power of +10 dBm/tone
separated by 1 MHz.
2) OIP2 is measured at F1+F2 Frequency.
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
APPLICATION CIRCUIT
Frequency (MHz)
5
50
200
Noise Figure (dB)
2.0
1.2
1.3
Magnitude S21 (dB)
21.3
21.6
21.3
Magnitude S11 (dB)
-18
-20
-18
Magnitude S22 (dB)
-18
-20
-17
Output P1dB (dBm)
25.5
25
24.5
Output IP3
1) (dBm)
37.5
41
42.5
Output IP2
1),2) (dBm)
43
52
52
Device Voltage (V)
8
Current (mA)
120
S-parameters
CATV
5 ~ 200 MHz
+8 V
RF IN
RF OUT
ASL580
Vs=8 V
C2=1 nF
C4=10 uF
R1=1.3 kW
C1=1 uF
C3=10 nF
L1=15 uH
L2=15 uH
0
50
100
150
200
0
5
10
15
20
25
Frequency (MHz)
0
50
100
150
200
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
50
100
150
200
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com