Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AST20S Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # AST20S
Description  High Gain, Low Noise Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AST20S Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  AST20S Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
2/33
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
August 2012
AST20S
High Gain, Low Noise Amplifier
Pin NO.
Function
Pin NO.
Function.
1
RF IN
4
RF OUT / Bias
2
GND
5
NC
3
GND
6
GND
Outline Drawing
Symbols
Dimensions (In mm)
MIN
NOM
MAX
A
0.90
1.00
1.10
A1
0.025
0.062
0.10
A2
0.875
0.937
1.00
b
0.20
0.30
0.40
C
0.10
0.125
0.15
D
1.90
2.00
2.10
F
1.15
1.25
1.35
E1
2.00
2.10
2.20
e
--
0.65BSC
--
e1
--
1.30BSC
--
L
--
0.425REF
--
ESD Classification
HBM
Class 1A
Voltage Level: 300 V
MM
Class A
Voltage Level: 50 V
CAUTION: ESD-sensitive device!
Moisture Sensitivity Level (MSL)
Level 3 at 260
°C reflow
ESD Classification & Moisture Sensitivity Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com