Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AST20S Datasheet(PDF) 21 Page - Advanced Semiconductor Business Inc.

Part # AST20S
Description  High Gain, Low Noise Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AST20S Datasheet(HTML) 21 Page - Advanced Semiconductor Business Inc.

Back Button AST20S Datasheet HTML 17Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 18Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 19Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 20Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 21Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 22Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 23Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 24Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 25Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
21/33
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
August 2012
AST20S
High Gain, Low Noise Amplifier
1) OIP3 is measured with two tones at an output power of -10 dBm/tone separated by 1MHz.
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
850 ~ 950 MHz
+5 V / 11 mA
Board Layout (FR4, 23x13 mm
2, 0.8T)
Note: 1) the length of the strip line P1 is given as below at
the PCB with Er = 4.5 and T = 0.8 mm.
*P1 Length: 3.6 mm, Width: 0.3 mm
2) Gain and S11 are in trade-off and varied with the length of P1
Bottom
Parameter
Symbol
Unit
Frequency (MHz)
868
915
Power Gain
Gp
dB
15
14.5
Noise Figure
NF
dB
0.8
0.7
Input Return Loss
RLin
dB
-9
-9
Output Return Loss
RLout
dB
-8
-8
1 dB Gain Compression
Output Power
Po(1dB)
dBm
3
3
3
rd Intercept Point
Output Power
1)
OIP3
dBm
18.5
18.5
Circuit Current
Icc
mA
11
11
C1=100 pF
C3=100 pF
RF OUT
AST20S
C2=10 nF
RF IN
*P1
R1=750
W
C6=1 uF
*P1
VDD
R2=7.5 k
W
L1=12 nH
C4=1 nF
R3=180
W
C5=10 nF
C7=0.75 pF
R4=180
W
L2=39 nH
Top
600
700
800
900
1000
1100
1200
0
5
10
15
20
25
Frequency (MHz)
-40
oc
25
oc
85
oc
600
700
800
900
1000
1100
1200
-25
-20
-15
-10
-5
0
5
S22
S11
Frequency (MHz)
-40
oc
25
oc
85
oc
-60
-40
-20
0
20
40
60
80
100
0
5
10
15
20
25
Temperature (
oC)
Frequency = 900 MHz
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com