Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC4300 Datasheet(PDF) 3 Page - ebm-papst

Part # AC4300
Description  ACmaxx / i-maxx
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

AC4300 Datasheet(HTML) 3 Page - ebm-papst

  AC4300 Datasheet HTML 1Page - ebm-papst AC4300 Datasheet HTML 2Page - ebm-papst AC4300 Datasheet HTML 3Page - ebm-papst AC4300 Datasheet HTML 4Page - ebm-papst AC4300 Datasheet HTML 5Page - ebm-papst AC4300 Datasheet HTML 6Page - ebm-papst AC4300 Datasheet HTML 7Page - ebm-papst AC4300 Datasheet HTML 8Page - ebm-papst AC4300 Datasheet HTML 9Page - ebm-papst Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ACmaxx / i-maxx
127
Safety
• Safety certifications: UL, CSA and VDE 0805 / EN60950.
VDE 0700 / EN60335 on request.
• Our fans have the CE mark of conformity.
• EMC protection:
> EN61000-4-4 Level 1 (1 kV or 2 kV)B
> EN61000-4-2 Level 8 kV/15 kV or 4 kV/8 kV
> EN61000-4-3
> EN61000-4-6
> EN61000-4-8
> EN55022 Class B
Ambient influences
AC fans are extremely common and are used in a wide variety of applica-
tions. In control cabinet cooling, beer coolers, cooling cabinets, wood-bur-
ning stoves, medical devices – all have different requirements for resi-
stance to ambient influences. ACmaxx and i-maxx fans offer the same
features for protection against moisture, splash water and rough ambient
conditions.
Particular design features of the i-maxx (ACi 4400):
i-maxx is more compact!
As large as existing AC fans – and not a bit larger. This is the most out-
standing feature of the new i-maxx ACi 4400. Even in the hub area, the
fan does not differ from typical 119x119x38 mm AC fans. Out with the
AC, in with the i-maxx ACi 4400 – it's that simple.
i-maxx is more efficient!
ACmaxx saves energy, and the i-maxx generation saves even more. While
an AC fan at 50 Hz can barely reach an overall efficiency of 5-6%, the
ACmaxx makes it to approx. 20-25%. With the new i-maxx ACi 4400, a
remarkable level of up to 30% is reached. This is the result of the optimi-
sation of the entire package made up of drive, electronics, AC/DC conver-
sion and aerodynamics. Thus the new i-maxx series boasts energy savings
of almost 75% compared to the corresponding AC fan, thus providing signi-
ficantly higher savings than the 40% level of the old AC 4300 generation.
AC 4000 N
[%]
20
40
60
80
AC 4300
ACi 4400
i-maxx is quieter!
The i-maxx ACi 4400 is quieter! Quieter than AC fans and quieter than the
existing ACmaxx generation. The reason for this is the optimised aerody-
namics and the drive, which is optimised for minimum structure-borne
noise. Thus the fan is only half as loud at comparable air performance,
and is up to 6 dB(A) quieter at some operating points.
Speed independent of voltage and frequency
For the i-maxx ACi 4400, the speed, and thus the air flow and operating
noise, are independent of the supply voltage and power frequency.
Versions are available for 115 VAC with a voltage range from 85 to 132
VAC and 230 VAC with a voltage range of 195 to 265 VAC. Voltage fluctua-
tions and frequency differences in the power system are compensated for
automatically.
ACmaxx
i-maxx
Kompaktlüfter__2011__EN__Final__17_01_2011_:Vorlage
18.01.2011
14:19
Seite 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com