Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC4300 Datasheet(PDF) 4 Page - ebm-papst

Part # AC4300
Description  ACmaxx / i-maxx
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

AC4300 Datasheet(HTML) 4 Page - ebm-papst

  AC4300 Datasheet HTML 1Page - ebm-papst AC4300 Datasheet HTML 2Page - ebm-papst AC4300 Datasheet HTML 3Page - ebm-papst AC4300 Datasheet HTML 4Page - ebm-papst AC4300 Datasheet HTML 5Page - ebm-papst AC4300 Datasheet HTML 6Page - ebm-papst AC4300 Datasheet HTML 7Page - ebm-papst AC4300 Datasheet HTML 8Page - ebm-papst AC4300 Datasheet HTML 9Page - ebm-papst Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
128
ACmaxx / i-maxx
Technical information
Particular design features of the ACmaxx:
Prepared for all AC voltages
These models have a very wide voltage range from 85 to 265 VAC – the
global voltage range, so to speak. This enables the fan to be used around
the world, opening up large savings potentials. In addition to reduced logi-
stics effort and stock-keeping, worldwide availability is key. ACmaxx is
compatible with every supply voltage–no switching needed. From 85 to
265 volts and mains frequencies of 50 and 60 hertz. Voltage fluctuations
in the power system are automatically compensated for.
Higher performance
Unlike conventional AC technology, the state-of-the-art drive concept of
this fan series is not linked to a fixed power frequency. This allows the
motor speed to be increased over a wide range. Thus ACmaxx provides
significantly higher air flow and significantly increased pressure.
50
ACmaxx
120 mm
100
25
50
75
150
150
200
100
125
250
Standard AC fans
120 mm
0
3 0
6 0
9 0
120
150
m³/h
CFM
You can find further information about these fan options in the
"Specialised fans" chapter, starting on page 107.
Or you can simply contact our application engineers to discuss your ideal
ACmaxx or i-maxx fan.
Higher flexibility
The flexibility of ACmaxx is one-of-a-kind. With its intelligent features,
ACmaxx can be individually adapted to the specific application: standby
mode, overload mode at peak times or night reduction all the way to tem-
perature-controlled quiet operation are all possible. From speed setting to
alarm or speed signal outputs, ACmaxx offers optional interfaces with
which you can quickly and easily implement operation monitoring.
Kompaktlüfter__2011__EN__Final__17_01_2011_:Vorlage
18.01.2011
14:19
Seite 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com