Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3700HR Datasheet(PDF) 11 Page - STMicroelectronics

Part # 2N3700HR
Description  Hi-Rel 80 V - 1 A NPN bipolar transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N3700HR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button 2N3700HR Datasheet HTML 4Page - STMicroelectronics 2N3700HR Datasheet HTML 5Page - STMicroelectronics 2N3700HR Datasheet HTML 6Page - STMicroelectronics 2N3700HR Datasheet HTML 7Page - STMicroelectronics 2N3700HR Datasheet HTML 8Page - STMicroelectronics 2N3700HR Datasheet HTML 9Page - STMicroelectronics 2N3700HR Datasheet HTML 10Page - STMicroelectronics 2N3700HR Datasheet HTML 11Page - STMicroelectronics 2N3700HR Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
2N3700HR
Revision history
Doc ID 15354 Rev 4
11/12
5
Revision history
Table 10.
Document revision history
Date
Revision
Changes
10-Jan-2008
1
Initial release
07-Jan-2010
2
Modified Table 1 on page 1
26-Jul-2010
3
Modified Table 1 on page 1, added Table 9 on page 10
30-Nov-2011
4
– Modified: Table 5 on page 3
– Added: Section 2.1: Electrical characteristics (curves)
– Minor text change in the document title on the coverpage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com