Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV52HR Datasheet(PDF) 3 Page - STMicroelectronics

Part # BYV52HR
Description  Aerospace 30 A - 200 V fast recovery rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYV52HR Datasheet(HTML) 3 Page - STMicroelectronics

  BYV52HR Datasheet HTML 1Page - STMicroelectronics BYV52HR Datasheet HTML 2Page - STMicroelectronics BYV52HR Datasheet HTML 3Page - STMicroelectronics BYV52HR Datasheet HTML 4Page - STMicroelectronics BYV52HR Datasheet HTML 5Page - STMicroelectronics BYV52HR Datasheet HTML 6Page - STMicroelectronics BYV52HR Datasheet HTML 7Page - STMicroelectronics BYV52HR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BYV52HR
Characteristics
Doc ID 17395 Rev 1
3/8
s
To evaluate the conduction losses use the following equation:
P = 0.74 x IF(AV) + 1.00 x IF
2
(RMS )
Table 4.
Electrical measurements at ambiant temperature (per diode), Tamb = 22 ±3 °C
Symbol
Characteristic
MIL-STD-750
test method
Test conditions
Limits
Units
Min.
Max.
IR
Reverse current
4016
DC method, VR = 200 V
-
25
µA
VF1
(1)
Forward voltage
4011
Pulse method, IF = 20 A
-
1.01
V
V
F2
(1)
Pulse method, IF = 30 A
-
1.15
V
VBR
Breakdown voltage
4021
IR = 100 µA
200
-
V
C
Capacitance
4001
VR = 10 V, F = 1 MHz
-
400
pF
trr
Reverse recovery time
4031
IF = 1 A, VR = 30 V,
dIF/dt = -50 A/µs
-55
ns
Z
th(j-c)
(2)
Relative thermal impedance,
junction to case
3101
IH = 15 to 40 A, tH = 50 ms
IM = 50 mA, tmd = 100 µs
Calculate
ΔVF(3) °C/W
1.
Pulse width
≤ 300µs, duty cycle ≤ 2%
2.
Performed only during screening tests parameter drift values (initial measurements for HTRB), go-no-go.
3.
The limits for
ΔVF shall be defined by the manufacturer on every lot in accordance with MIL-STD-750 Method 3101 and
shall guarantee the Rth(j-c) limits specified in maximum ratings.
Table 5.
Electrical measurements at high and low temperatures (per diode)
Symbol
Characteristic
MIL-STD-750
test method
Test conditions(1)
Limits
Units
Min.
Max.
I
R
Reverse current
4016
Tcase = +125 (+0, -5) °C
DC method, VR = 200 V
-15
mA
V
F2
(2)
Forward voltage
4011
Tcase = +125 (+0, -5) °C
pulse method, IF = 20 A
-0.95
V
Tcase = +55 (+0, -5) °C
pulse method, IF = 20 A
-1.15
V
1.
Read and record measurements shall be performed on a sample of 5 components with 0 failures allowed. Alternatively a
100% inspection may be performed.
2.
Pulse width
≤ 300µs, duty cycle ≤ 2%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com